Electronic Components Datasheet Search
  English  ▼

X  

LTC4098 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 19Page - Linear Technology LTC4098 Datasheet HTML 20Page - Linear Technology LTC4098 Datasheet HTML 21Page - Linear Technology LTC4098 Datasheet HTML 22Page - Linear Technology LTC4098 Datasheet HTML 23Page - Linear Technology LTC4098 Datasheet HTML 24Page - Linear Technology LTC4098 Datasheet HTML 25Page - Linear Technology LTC4098 Datasheet HTML 26Page - Linear Technology LTC4098 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4098/LTC4098-1
23
40981fb
Multilayer ceramic chip capacitors typically have excep-
tional ESR performance. MLCCs combined with a tight
board layout and an unbroken ground plane will yield very
good performance and low EMI emissions.
There are several types of ceramic capacitors avail-
able each having considerably different characteristics.
For example, X7R ceramic capacitors have the best voltage
and temperature stability. X5R ceramic capacitors have
apparently higher packing density but poorer performance
over their rated voltage and temperature ranges. Y5V
ceramic capacitors have the highest packing density,
but must be used with caution, because of their extreme
nonlinear characteristic of capacitance versus voltage. The
actual in-circuit capacitance of a ceramic capacitor should
be measured with a small AC signal and DC bias as is
expected in-circuit. Many vendors specify the capacitance
versus voltage with a 1VRMS AC test signal and, as a result,
over state the capacitance that the capacitor will present
in the application. Using similar operating conditions as
the application, the user must measure or request from
the vendor the actual capacitance to determine if the
selected capacitor meets the minimum capacitance that
the application requires.
Overprogramming the Battery Charger
The USB high power specification allows for up to 2.5W
to be drawn from the USB port. The switching regulator
transforms the voltage at VBUS to just above the voltage
at BAT with high efficiency, while limiting power to less
than the amount programmed at CLPROG. The charger
should be programmed (with the PROG pin) to deliver the
maximum safe charging current without regard to the USB
specifications. If there is insufficient current available to
charge the battery at the programmed rate, it will reduce
charge current until the system load on VOUT is satisfied
and the VBUS current limit is satisfied. Programming the
charger for more current than is available will not cause
the average input current limit to be violated. It will merely
allow the battery charger to make use of all available
power to charge the battery as quickly as possible, and
with minimal power dissipation within the charger.
Overvoltage Protection
It is possible to protect both VBUS and WALL from
overvoltage damage with several additional components,
as shown in Figure 7. Schottky diodes D1 and D2 pass the
larger of V1 and V2 to R1 and OVSENS. If either V1 or V2
R1
C1
D1
V1
V2
D2
MN1
MN2
40981 F07
WALL
OVSENS
OVGATE
LTC4098/
LTC4098-1
VBUS
Figure 7. Dual Input Overvoltage Protection
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com