Electronic Components Datasheet Search
  English  ▼

X  

LTC4098 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 24Page - Linear Technology LTC4098 Datasheet HTML 25Page - Linear Technology LTC4098 Datasheet HTML 26Page - Linear Technology LTC4098 Datasheet HTML 27Page - Linear Technology LTC4098 Datasheet HTML 28Page - Linear Technology LTC4098 Datasheet HTML 29Page - Linear Technology LTC4098 Datasheet HTML 30Page - Linear Technology LTC4098 Datasheet HTML 31Page - Linear Technology LTC4098 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC4098/LTC4098-1
30
40981fb
USB/Automotive Switching Battery Charger with
Automatic Current Limiting on Both Inputs
Low Component Count USB and Automotive High Efficiency Power Manager
TYPICAL APPLICATIONS
VBUS
VC
WALL ACPR
AUTOMOTIVE,
FIREWIRE, ETC.
USB
WALL ADAPTER
TO μC
TO μC
SYSTEM
LOAD
C3
10μF
0805
C5
10μF
0805
C1
4.7μF
C2
0.1μF
10V
C4
0.1μF
0603
R2
100k
R1
27.4k
1
7
8
9
3
7
9, 21
6
3
20
18
19
14
12
10
11
2
6
5
4
13
M1
R4
3.01k
R5
1k
D1
L2
3.3μH
L1
4.7μH
40981 TA04
CLPROG
PROG
LTC4098/LTC4098-1
LT3653
GND
SW
BATSENS
OVGATE
OVSENS
D0-D2
CHRG
NTCBIAS
NTC
2
1
15-17
8
4
5
VOUT
IDGATE
BAT
VOUT
ISENSE
Li-Ion
+
R3
100k
T
R6
6.04k
VIN
ILIM
GND
VC
HVOK
SW
BOOST
M1: ON SEMICONDUCTOR NTLJS4114N
R3: VISHAY-DALE NTHS0603N011-N1003F
3
VBUS
VC
WALL ACPR
AUTOMOTIVE,
FIREWIRE, ETC.
USB
WALL ADAPTER
TO μC
TO μC
SYSTEM
LOAD
C3
10μF
0805
C1
4.7μF
C2
0.1μF
10V
C4
0.1μF
0603
R1
27.4k
1
7
8
9
3
7
9, 21
6
3
20
18
19
14
10
11
12
2
6
5
4
13
5
R2
3.01k
R3
1k
D1
L2
3.3μH
L1
4.7μH
40981 TA05
CLPROG
PROG
LTC4098/LTC4098-1
LT3653
GND
SW
BATSENS
OVGATE
OVSENS
D0-D2
CHRG
NTCBIAS
NTC
2
1
15-17
8
4
IDGATE
BAT
VOUT
VOUT
ISENSE
Li-Ion
+
VIN
ILIM
GND
VC
HVOK
SW
BOOST
C5
10μF
0805
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com