Electronic Components Datasheet Search
  English  ▼

X  

LTC4098 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 4Page - Linear Technology LTC4098 Datasheet HTML 5Page - Linear Technology LTC4098 Datasheet HTML 6Page - Linear Technology LTC4098 Datasheet HTML 7Page - Linear Technology LTC4098 Datasheet HTML 8Page - Linear Technology LTC4098 Datasheet HTML 9Page - Linear Technology LTC4098 Datasheet HTML 10Page - Linear Technology LTC4098 Datasheet HTML 11Page - Linear Technology LTC4098 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4098/LTC4098-1
8
40981fb
OVGATE vs OVSENS
Rising Overvoltage Threshold
vs Temperature
TEMPERATURE (°C)
–40
6.270
6.275
6.280
60
40981 G29
6.265
6.260
6.255
–15
10
35
85
INPUT VOLTAGE (V)
0
0
2
4
6
8
10
12
24
6
8
40981 G30
OVSENS CONNECTED
TO INPUT THROUGH
6.04k RESISTOR
OVSENS Quiescent Current
vs Temperature
TEMPERATURE (°C)
–40
33
35
37
60
40981 G28
31
29
27
–15
10
35
85
VOVSENS = 5V
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
OVP Protection Waveform
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
40981 G26
OVP INPUT VOLTAGE
5V TO 10V STEP
5V/DIV
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
40981 G27
OVP INPUT VOLTAGE
10V TO 5V STEP
5V/DIV
OVP Reconnection Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com