Electronic Components Datasheet Search
  English  ▼

X  

LTC4242 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4242
Description  Dual Slot Hot Swap Controller for PCI Express
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4242 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4242 Datasheet HTML 9Page - Linear Technology LTC4242 Datasheet HTML 10Page - Linear Technology LTC4242 Datasheet HTML 11Page - Linear Technology LTC4242 Datasheet HTML 12Page - Linear Technology LTC4242 Datasheet HTML 13Page - Linear Technology LTC4242 Datasheet HTML 14Page - Linear Technology LTC4242 Datasheet HTML 15Page - Linear Technology LTC4242 Datasheet HTML 16Page - Linear Technology LTC4242 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4242
13
4242f
When PRSNT2 pulls low after insertion of a board, the
ENn pin goes low after a delay as determined by the
values of CD and RD. For plug-in debounce delay of 1ms
and RD of 47k:
C
tms
µF
µF
D
DELAY
==
1
43 5
0 023
()
.
.
Choose CD to be 33nF.
SYSTEM
BOARD
CONNECTOR
GOLD FINGERS
HOT PLUG
CONTROL
LOGIC
PULL-UP
PRSNT1
4242 F02
PRSNT2
SYSTEM BOARD
MATE LAST/BREAK FIRST
PCI EXPRESS ADD-IN CARD
TRACE ON THE ADD-IN CARD
(ACTUAL TRACE ROUTING IS LEFT
UP TO THE BOARD DESIGNER)
Figure 2. Plug-In Card Insertion/Removal
APPLICATIO S I FOR ATIO
–
+
9
µA
LTC4242
VOUT
OUT
GND
1.235V
CD
33nF
RD
47k
BD_PRSNT
ENn
4242 F03
CONNECTOR
MOTHERBOARD
PLUG-IN
CARD
LOAD
When the board is removed, the power to the slot is dis-
abled after a delay of:
t
C
sms
DELAY
D
2
0 765
9
28
==
.
.
Turn-On Sequence
The PCI Express power supplies are controlled by the
external N-channel pass transistors, Q1 through Q4, in the
12V and 3.3V power paths, and internal pass transistors
Figure 3. RC Network to Generate Delay During Card Plug-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com