Electronic Components Datasheet Search
  English  ▼

X  

LTC4242 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4242
Description  Dual Slot Hot Swap Controller for PCI Express
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4242 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4242 Datasheet HTML 10Page - Linear Technology LTC4242 Datasheet HTML 11Page - Linear Technology LTC4242 Datasheet HTML 12Page - Linear Technology LTC4242 Datasheet HTML 13Page - Linear Technology LTC4242 Datasheet HTML 14Page - Linear Technology LTC4242 Datasheet HTML 15Page - Linear Technology LTC4242 Datasheet HTML 16Page - Linear Technology LTC4242 Datasheet HTML 17Page - Linear Technology LTC4242 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4242
14
4242f
for the 3.3V auxiliary power paths. Sense resistors R1 to
R4 provide input for current fault detection. Resistors RG1
to RG4 and capacitors CG1 to CG4 compensate the current
control loops. Capacitors CG1 to CG4 also control the output
power-up rate and the inrush current while resistors R5
to R8 prevent high frequency oscillations in N-channel
MOSFETs, Q1 to Q4 respectively.
The following conditions must be satisfied before the
external and internal switches can be turned on.
1. The device’s power supply, VCC, must exceed its
undervoltage lockout threshold. To turn on the exter-
nal/internal switches, the main/auxiliary input supplies
must exceed their UVLO thresholds.
2. The EN pin must be pulled low to begin the start-up
sequence.
When these initial conditions are satisfied, the ON pins are
checked. The LTC4242 features per slot ON pins, the AUXON
and ON, to allow independent control of the main input
supplies (12V and 3.3V) and the 3.3V auxiliary supplies. If
the ON pin is high, the switches turn on. If ON is low, the
switches turn on when the ON pin is brought high. Figure 4
shows all supplies turning on after EN goes low.
Each of the external switches is turned on by charging
the GATE with a 9µA current source. The voltage at the
GATE pins rises with a slope equal to 9µA/CG and the
supply inrush current is set at CL/CG • 9µA, where CL is
the capacitance at the supply output.
The gate of the internal switch is slewed resulting in the
3.3VAUX supply output powering up at an internally set
rate of about 1.25V/ms.
The circuit breaker (ECB) of the input supplies is armed
after the input supplies clear UVLO. Once the supplies
have been turned on and the outputs are within tolerance,
PGOOD for the main input supplies and AUXPGOOD for
the auxiliary input supplies (available for the QFN only)
are pulled low.
Turn-Off Sequence
The switches can be turned off by a variety of conditions.
1. The ON/AUXON pin going low would turn off the main/
internal switches.
2. EN going high turns off all switches.
3. A variety of fault conditions will turn off the switches.
These include supply undervoltage and overcurrent
circuit breaker faults.
4. When thermal shutdown activates, the internal switch
is shut off.
When ON goes low, the main switches are turned off with
a 1mA current pulling down the gate to ground. When
the main supplies are shut off, the PGOOD signal pulls
high and the outputs are discharged to ground through
internal switches. Similarly, when an auxiliary supply is
turned off, the AUXPGOOD signal pulls high and its output
is discharged to ground through internal switches. Figure
5 shows all supplies being turned off by EN going high.
APPLICATIO S I FOR ATIO
Figure 4. Normal Power-Up Sequence
AUXOUTn
5V/DIV
12VOUTn
5V/DIV
3VOUTn
5V/DIV
PGOODn
5V/DIV
10ms/DIV
4242 F04
ENn
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com