Electronic Components Datasheet Search
  English  ▼

X  

LTC4242 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4242
Description  Dual Slot Hot Swap Controller for PCI Express
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4242 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4242 Datasheet HTML 2Page - Linear Technology LTC4242 Datasheet HTML 3Page - Linear Technology LTC4242 Datasheet HTML 4Page - Linear Technology LTC4242 Datasheet HTML 5Page - Linear Technology LTC4242 Datasheet HTML 6Page - Linear Technology LTC4242 Datasheet HTML 7Page - Linear Technology LTC4242 Datasheet HTML 8Page - Linear Technology LTC4242 Datasheet HTML 9Page - Linear Technology LTC4242 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4242
6
4242f
FONn High-to- Low Threshold
vs VCC
RON vs Temperature
FONn Low-to-High Threshold
vs VCC
Circuit Breaker Trip Sense
Voltage vs Temperature
Aux Circuit Breaker Trip Current
vs Temperature
Circuit Breaker Trip Filter Time
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TA = 25°C. VCC = VAUXINn = V3VINn = 3.3V, V12VINn = 12V, unless otherwise noted. (Note 2)
Gate Drive vs IGATE
RON vs AUXINn
Current Limit Propagation Delay
vs Sense Voltage
VCC (V)
2
3
4
5
6
4242 G10
2
1
0
3
4
5
7
VCC (V)
0
1
2
3
3456
4242 G11
7
2
TEMPERATURE (
°C)
–50
0.15
0.20
0.25
0.30
0.35
–25
0
25
50
4242 G12
75
100
AUXINn (V)
3
0.15
0.20
0.25
0.30
0.35
3.5
4
4.5
5
4242 G13
5.5
6
6.5
SENSE VOLTAGE (mV)
0
0.01
0.1
1
10
100
50
100
150
200
4242 G14
250
300
TEMPERATURE (
°C)
–50
48
49
50
51
52
–25
0
25
50
4242 G14
75
100
TEMPERATURE (
°C)
–50
450
500
550
600
650
–25
0
25
50
4242 G14
75
100
TEMPERATURE (
°C)
–50
15.0
17.5
20.0
22.5
25.0
–25
0
25
50
4242 G17
75
100
IGATE (µA)
2
1
0
2
3
4
5
6
46
8
10
4242 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com