Electronic Components Datasheet Search
  English  ▼

X  

LTC4242 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4242
Description  Dual Slot Hot Swap Controller for PCI Express
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4242 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4242 Datasheet HTML 14Page - Linear Technology LTC4242 Datasheet HTML 15Page - Linear Technology LTC4242 Datasheet HTML 16Page - Linear Technology LTC4242 Datasheet HTML 17Page - Linear Technology LTC4242 Datasheet HTML 18Page - Linear Technology LTC4242 Datasheet HTML 19Page - Linear Technology LTC4242 Datasheet HTML 20Page - Linear Technology LTC4242 Datasheet HTML 21Page - Linear Technology LTC4242 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4242
18
4242f
Yet another mode of operation is the Force ON with cur-
rent limit mode. To enter this mode, pull both FON and
EN high. In this mode of operation, the ACLs are enabled
with the 20µs filter time disabled. The fault latch of the
AUX supply can be latched if the AUX’s ICBAUX is exceeded.
AUXFAULT indicates whether the AUX channel FET is on
or off. To enter normal operation, pull FON and EN low
and recycle the ON and AUXON pins.
PCB Layout Considerations
For proper operation of the LTC4242’s circuit breaker,
a Kelvin connection to the sense resistors is required.
The Kelvin sense PCB layout traces should be minimum
length, closed together, balanced and symmetrical to
minimize wiring errors. In addition, the PCB layout for the
sense resistors and the power MOSFETs should include
good thermal management techniques for optimal device
power dissipation. A recommended PCB layout for the
12V sense resistor and the power MOSFET is illustrated
in Figure 12.
In Hot Swap applications where load currents can be 10A,
narrow PCB tracks exhibit more resistance than wider
tracks and hence, operate at higher temperatures. Since
the sheet resistance of 1oz copper foil is approximately
0.5m
Ω/square, track resistances and voltage drops add
up quickly in high current applications. Thus, to keep PCB
track resistance, voltage drop and temperature rise to a
minimum, the suggested trace width in these applica-
tions for 1oz copper foil is 0.03" for each ampere of DC
current.
In the majority of applications, it will be necessary to use
plated-through vias to make circuitry connections from
components layers to power and ground layers internal
to the PCB. For 1oz copper foil plating, a general rule is
1A of DC current per via making sure the via is properly
dimensioned so that solder completely fills any void.
Check with your PCB fabrication facility for via current
specifications.
APPLICATIO S I FOR ATIO
CURRENT FLOW
TO LOAD
TRACK WIDTH W:
0.03" PER AMPERE
ON 1OZ Cu FOIL C1
SENSE
RESISTOR
POWER PAK
SO-8
12VOUT1
12V
12VIN1
12V
GND
4242 F12
GND
CG1
12VGATE1
VIA PATH
TO GND
LTC4242G*
•
•
CURRENT FLOW
TO LOAD
W
CURRENT FLOW
TO SOURCE
*ADDITIONAL DETAILS OMITTED FOR CLARITY, DRAWING NOT TO SCALE!
VIA TO
GND PLANE
W
W
RG1
R5
Figure 12. Recommended Layout for Power MOSFET, Sense Resistor and GATE Components for the 12V Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com