Electronic Components Datasheet Search
  English  ▼

X  

BQ4285EP Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ4285EP
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ4285EP Datasheet HTML 10Page - Texas Instruments BQ4285EP Datasheet HTML 11Page - Texas Instruments BQ4285EP Datasheet HTML 12Page - Texas Instruments BQ4285EP Datasheet HTML 13Page - Texas Instruments BQ4285EP Datasheet HTML 14Page - Texas Instruments BQ4285EP Datasheet HTML 15Page - Texas Instruments BQ4285EP Datasheet HTML 16Page - Texas Instruments BQ4285EP Datasheet HTML 17Page - Texas Instruments BQ4285EP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
DC Electrical Characteristics—bq4285E (TA = TOPR, VCC = 5V ± 10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN = VSS to VCC
ILO
Output leakage current
-
-
± 1
µA
AD0–AD7, INT, and SQW
in high impedance,
VOUT = VSS to VCC
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0 mA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0 mA
ICC
Operating supply current
-
7
15
mA
Min. cycle, duty = 100%,
IOH = 0mA, IOL = 0mA
VSO
Supply switch-over voltage
-
V
BC
-V
ICCB
Battery operation current
-
0.3
0.5
µA
VBC = 3V, TA = 25°C, no
load on VOUT or CEOUT
ICCSB
Standby supply current
-
300
-
µA
VIN = VCC or VSS,
CS
≥ VCC - 0.2,
no load on VOUT
VPFD
Power-fail-detect voltage
4.0
4.17
4.35
V
VOUT1
VOUT voltage
VCC - 0.3V
-
-
V
IOUT = 100mA, VCC >VBC
VOUT2
V
OUT voltage
VBC - 0.3V
IOUT = 100
µA, VCC < VBC
ICE
Chip enable input current
-
-
100
µA
Internal 50K pull-up
Note:
Typical values indicate operation at TA = 25°C, VCC = 5V or VBC = 3V.
bq4285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com