Electronic Components Datasheet Search
  English  ▼

X  

BQ4285EP Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ4285EP
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285EP Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ4285EP Datasheet HTML 18Page - Texas Instruments BQ4285EP Datasheet HTML 19Page - Texas Instruments BQ4285EP Datasheet HTML 20Page - Texas Instruments BQ4285EP Datasheet HTML 21Page - Texas Instruments BQ4285EP Datasheet HTML 22Page - Texas Instruments BQ4285EP Datasheet HTML 23Page - Texas Instruments BQ4285EP Datasheet HTML 24Page - Texas Instruments BQ4285EP Datasheet HTML 25Page - Texas Instruments BQ4285EP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
Power-Down/Power-Up Timing—bq4285E (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tF
VCC slew from 4.5V to 0V
300
-
-
µs
tR
VCC slew from 0V to 4.5V
100
-
-
µs
tCSR
CS at VIH after power-up
20
-
200
ms
Internal write-protection
period after VCC passes VPFD
on power-up.
tWPT
Write-protect time for
external RAM
10
16
30
µs
Delay after VCC slows down
past VPFD before SRAM is
write-protected.
tCER
Chip enable recovery time
tCSR
-
tCSR
ms
Time during which external
SRAM is write-protected after
VCC passes VPFD on power-up.
tCED
Chip enable propagation
delay to external SRAM
-
7
10
ns
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing—bq4285E
bq4285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com