Electronic Components Datasheet Search
  English  ▼

X  

LTC3538 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3538
Description  800mA Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3538 Datasheet(HTML) 1 Page - Linear Technology

  LTC3538 Datasheet HTML 1Page - Linear Technology LTC3538 Datasheet HTML 2Page - Linear Technology LTC3538 Datasheet HTML 3Page - Linear Technology LTC3538 Datasheet HTML 4Page - Linear Technology LTC3538 Datasheet HTML 5Page - Linear Technology LTC3538 Datasheet HTML 6Page - Linear Technology LTC3538 Datasheet HTML 7Page - Linear Technology LTC3538 Datasheet HTML 8Page - Linear Technology LTC3538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3538
1
3538fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
The LTC®3538 is a highly efficient, low noise, buck-boost
DC/DC converter that operates from input voltages above,
below, and equal to the output voltage. The topology
incorporated in the IC provides a continuous transfer
function through all operating modes, making the product
ideal for single Lithium Ion or multicell Alkaline or NiMH
applications where the output voltage is within the battery
voltage range.
The LTC3538 is suited for use in Micro Hard Disk Drive
(μHDD)applicationswithits800mAcurrentcapability.Burst
Mode® operation provides high efficiency at light loads.
The LTC3538 includes two 0.17Ω N-channel and two
0.2Ω P-channel MOSFET switches. Operating frequency
is internally set to 1MHz to minimize solution footprint
while maximizing efficiency.
Other features include <5μA shutdown current, internal
soft-start, short circuit protection and thermal shutdown.
The LTC3538 is available in a low profile (0.75mm), ther-
mally enhanced 8-lead (2mm × 3mm) DFN package.
Li-Ion/Polymer to 3.3V at 800mA
■
Regulated Output with Input Voltages Above,
Below, or Equal to the Output
■
800mA Continuous Output Current from a Single
Lithium-Ion/Polymer Cell
■
Single Inductor
■
1.8V to 5.25V VOUT Range
■
2.4V to 5.5V VIN Range
■
1MHz Fixed Frequency Operation
■
Output Disconnect in Shutdown
■
35μA Quiesecent Current in Burst Mode Operation
■
<5μA Shutdown Current
■
Internal Soft-Start
■
Small, Thermally Enhanced 8-Lead (2mm x 3mm)
DFN package
■
Miniature Hard Disk Drives
■
MP3 Players
■
Digital Cameras
■
Cellular Handsets
■
PDAs, Handheld PC
■
GPS Receivers
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U.S. Patents including 5481178, 6304066, 6580258, 6166527, 6404251.
SW1
R2
200k
R1
464k
15k
10k
330pF
33pF
CIN
10μF
VIN
BURST
SW2
LTC3538
VIN
2.9V TO 4.2V
L1
3.3μH
GND
VOUT
FB
SD
VC
VOUT
3.3V
800mA
COUT
22μF
PWM
BURST
3538 TA01
ON OFF
*
*μP OPEN DRAIN I/O
Efficiency vs VIN
VIN (V)
2.4
95
85
3.9
4.9
3538 TA01b
2.9
3.4
4.4
5.4
90
80
100
VOUT = 3.3V
ILOAD = 200mA
800mA Synchronous
Buck-Boost
DC/DC Converter


Similar Part No. - LTC3538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com