Electronic Components Datasheet Search
  English  ▼

X  

LTC3538 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3538
Description  800mA Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3538 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3538 Datasheet HTML 8Page - Linear Technology LTC3538 Datasheet HTML 9Page - Linear Technology LTC3538 Datasheet HTML 10Page - Linear Technology LTC3538 Datasheet HTML 11Page - Linear Technology LTC3538 Datasheet HTML 12Page - Linear Technology LTC3538 Datasheet HTML 13Page - Linear Technology LTC3538 Datasheet HTML 14Page - Linear Technology LTC3538 Datasheet HTML 15Page - Linear Technology LTC3538 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3538
14
3538fb
SW1
R2
200k
M1
R1
806k
10k
15k
CIN
10μF
CIN: TAIYO YUDEN JMK212BJ106MG
COUT: TAIYO YUDEN JMK325BJ226MM
L1: SUMIDA CDRH2D18/HP-3R3NC
M1: μP OPEN DRAIN I/O OR FAIRCHILD FDV301N
VIN
BURST
SW2
LTC3538
USB
4.35V TO 5.25V
1Ω
L1
3.3μH
GND
VOUT
FB
VC
VOUT
5V, 500mA
COUT
22μF
330pF
33pF
PWM
BURST
3538 TA03
ON OFF
TYPICAL APPLICATION
High Efficiency 5V/500mA from USB Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com