Electronic Components Datasheet Search
  English  ▼

X  

LTC3538 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3538
Description  800mA Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3538 Datasheet(HTML) 2 Page - Linear Technology

  LTC3538 Datasheet HTML 1Page - Linear Technology LTC3538 Datasheet HTML 2Page - Linear Technology LTC3538 Datasheet HTML 3Page - Linear Technology LTC3538 Datasheet HTML 4Page - Linear Technology LTC3538 Datasheet HTML 5Page - Linear Technology LTC3538 Datasheet HTML 6Page - Linear Technology LTC3538 Datasheet HTML 7Page - Linear Technology LTC3538 Datasheet HTML 8Page - Linear Technology LTC3538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3538
2
3538fb
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN,VOUT Voltage .......................................... –0.3V to 6V
SW1,SW2 Voltage
DC............................................................ –0.3V to 6V
Pulsed < 100ns........................................ –0.3V to 7V
BURST, FB, VC Voltage................................. –0.3V to 6V
Operating Temperature (Note 2)............... –40°C to 85°C
Maximum Junction Temperature (Note 3)............. 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
●
2.4
5.5
V
Feedback Voltage
(Note 4)
●
0.980
1.00
1.020
V
Feedback Input Current
(Note 4)
1
50
nA
VIN Quiescent Current – Shutdown
VC = 0V, Not Including Switch Leakage
1.5
5
μA
VIN Quiescent Current – Active
FB = 0.8V
1
1.8
mA
VIN Quiescent Current – Sleep
FB = 1.2V, BURST = VIN
35
60
μA
NMOS Switch Leakage
Switches B and C
0.1
7
μA
PMOS Switch Leakage
Switches A and D
0.1
10
μA
NMOS Switch On-Resistance
Switches B and C
0.17
Ω
PMOS Switch On-Resistance
Switches A and D
0.2
Ω
Input Current Limit
●
1.4
2
A
Reverse Current Limit
0.5
A
Burst Mode Operational Peak Current
0.9
A
Maximum Duty Cycle
Boost (%Switch C On)
Buck (% Switch A On)
Buck (% Switch D On)
●
●
●
70
100
100
88
%
%
%
TOP VIEW
VIN
SW1
SW2
VOUT
FB
VC
GND
BURST
DCB PACKAGE
8-LEAD (2mm × 3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
TJMAX = 125°C
θJA = 75°C/W 4-LAYER BOARD, θJC = 13.5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, BURST = 0V, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3538EDCB#PBF
LTC3538EDCB#TRPBF
LCRB
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3538EDCB
LTC3538EDCB#TR
LCRB
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com