Electronic Components Datasheet Search
  English  ▼

X  

LTC3538 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3538
Description  800mA Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3538 Datasheet(HTML) 3 Page - Linear Technology

  LTC3538 Datasheet HTML 1Page - Linear Technology LTC3538 Datasheet HTML 2Page - Linear Technology LTC3538 Datasheet HTML 3Page - Linear Technology LTC3538 Datasheet HTML 4Page - Linear Technology LTC3538 Datasheet HTML 5Page - Linear Technology LTC3538 Datasheet HTML 6Page - Linear Technology LTC3538 Datasheet HTML 7Page - Linear Technology LTC3538 Datasheet HTML 8Page - Linear Technology LTC3538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3538
3
3538fb
LOAD CURRENT (mA)
0.1
1
10
100
1000
0.1
1
10
100
1000
100
80
60
40
20
0
90
70
50
30
10
3538 G02
Burst Mode
OPERATION
POWER LOSS
FIXED FREQUENCY
POWER LOSS BURST
FIXED FREQUENCY
LOAD CURRENT (mA)
0.1
1
10
100
1000
100
80
60
40
20
10
90
70
50
30
3538 G01
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Burst Mode
OPERATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Duty Cycle
FB = 1.2V
●
0%
Frequency Accuracy
●
0.8
1
1.2
MHz
Internal Soft-Start Time
1.5
ms
Error Amp AVOL
80
dB
Error Amp Source Current
VC = 1.5V, FB = OV
–13
μA
Error Amp Sink Current
VC = 1.5V, FB = 1.2V
130
μA
VC Shutdown Threshold (Off)
IC is Disabled
●
0.25
V
VC Output Current in Shutdown
VC = GND
–1
–3
μA
BURST Threshold (High)
●
1.4
V
BURST Threshold (Low)
●
0.4
V
BURST Input Current
VBURST = 3.6V
0.1
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3538 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when over-temperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 4: The IC is tested in a feedback loop to make the measurement.
TYPICAL PERFORMANCE CHARACTERISTICS
Li-Ion to 3.3V Efficiency
Efficiency and Power Loss vs
Load Current
Switch Pins Before Entering
Boost Mode
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, unless otherwise noted.
TA = 25°C unless otherwise noted
50ns/DIV
SW1
2V/DIV
SW2
2V/DIV
3538 G03
VIN = 2.9V
VOUT = 3.3V AT 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com