Electronic Components Datasheet Search
  English  ▼

X  

CDC857 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC857
Description  2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC857 Datasheet(HTML) 1 Page - Texas Instruments

  CDC857 Datasheet HTML 1Page - Texas Instruments CDC857 Datasheet HTML 2Page - Texas Instruments CDC857 Datasheet HTML 3Page - Texas Instruments CDC857 Datasheet HTML 4Page - Texas Instruments CDC857 Datasheet HTML 5Page - Texas Instruments CDC857 Datasheet HTML 6Page - Texas Instruments CDC857 Datasheet HTML 7Page - Texas Instruments CDC857 Datasheet HTML 8Page - Texas Instruments CDC857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDC857-2, CDC857-3
2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
SCAS627A – SEPTEMBER 1999 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Distribution for
Double Data Rate Synchronous DRAM
Applications
D Distributes One Differential Clock Input to
Ten Differential Outputs
D External Feedback Pins (FBIN, FBIN) Are
Used to Synchronize the Outputs to the
Clock Input
D Operates at VCC = 2.5 V and AVCC = 3.3 V
D Packaged in Plastic 48-Pin (DGG) Thin
Shrink Small-Outline Package (TSSOP)
D Spread Spectrum Clocking Tracking
Capability to Reduce EMI
description
The CDC857-2 and CDC857-3 are high-perfor-
mance, low-skew, low-jitter, phase-lock loop
(PLL) clock driver. They use a PLL to precisely
align, in both frequency and phase, the feedback
(FBOUT) output to the clock (CLK) input signal.
The CDC857-3 operates at 3.3 V (PLL) and 2.5 V
(output buffer). The CDC857-2 operates at
2.5 V (PLL and output buffer).
One bank of ten inverting and noninverting
outputs provide ten low-skew, low-jitter copies of
CLK. Output signal duty cycles are adjusted to
50%, independent of the duty cycle at CLK.
All outputs can be enabled or disabled via a single output enable input. When the G input is high, the outputs
switch in phase and frequency with CLK; when the G input is low, the outputs are disabled to high impedance
state (3-state).
Unlike many products containing PLLs, the CDC857 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuity, the CDC857 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application
of a fixed-frequency, fixed-phase signal at CLK, as well as following any changes to the PLL reference or
feedback signals. The PLL can be bypassed for test purposes by strapping AVCC to ground. If AVCC is at GND
and VCC = ON, 2 falling edges on G cause the PLL to run with FBOUT being enabled and all other outputs being
disabled, after AVCC ramps up to its specified VCC value, with G being kept low. The CDC857 is characterized
for operation from 0
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
Y0
Y0
VCC
Y1
Y1
GND
GND
Y2
Y2
VCC
VCC
CLK
CLK
VCC
AVCC
AGND
GND
Y3
Y3
VCC
Y4
Y4
GND
GND
Y5
Y5
VCC
Y6
Y6
GND
GND
Y7
Y7
VCC
G
FBIN
FBIN
VCC
FBOUT
FBOUT
GND
Y8
Y8
VCC
Y9
Y9
GND
DGG PACKAGE
(TOP VIEW)


Similar Part No. - CDC857

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDC-0252-0350-1-ACB DH-CDC-0252-0350-1-ACB Datasheet
452Kb / 3P
Chain drives
CDC-0252-0350-1-ACBM1-L DH-CDC-0252-0350-1-ACBM1-L Datasheet
452Kb / 3P
Chain drives
CDC-0252-0350-1-ACBM1-R DH-CDC-0252-0350-1-ACBM1-R Datasheet
452Kb / 3P
Chain drives
CDC-0252-0350-1-ACBM2-R DH-CDC-0252-0350-1-ACBM2-R Datasheet
452Kb / 3P
Chain drives
CDC-0252-0350-1-ACBS1-L DH-CDC-0252-0350-1-ACBS1-L Datasheet
452Kb / 3P
Chain drives
More results

Similar Description - CDC857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
HD74CDC857 HITACHI-HD74CDC857 Datasheet
54Kb / 12P
3.3/2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com