Electronic Components Datasheet Search
  English  ▼

X  

CDC857 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC857
Description  2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC857 Datasheet(HTML) 2 Page - Texas Instruments

  CDC857 Datasheet HTML 1Page - Texas Instruments CDC857 Datasheet HTML 2Page - Texas Instruments CDC857 Datasheet HTML 3Page - Texas Instruments CDC857 Datasheet HTML 4Page - Texas Instruments CDC857 Datasheet HTML 5Page - Texas Instruments CDC857 Datasheet HTML 6Page - Texas Instruments CDC857 Datasheet HTML 7Page - Texas Instruments CDC857 Datasheet HTML 8Page - Texas Instruments CDC857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CDC857-2, CDC857-3
2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
SCAS627A – SEPTEMBER 1999 – DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
PLL
G
CLK
CLK
Y
Y
FBOUT
FBOUT
PLL
L
X
X
Z
Z
Z
Z
OFF
H
LH
L
H
L
H
RUN
H
HL
H
L
H
L
RUN
H
< 20 MHz
< 20 MHz
Z
Z
Z
Z
OFF
logic symbol
Y0
Y0
Y1
Y1
Y8
Y8
Y9
Y9
FBOUT
FBOUT
Y2
Y2
Y3
Y3
Y4
Y4
Y5
Y5
Y6
Y6
Y7
Y7
Clk
Clk
FBIN
FBIN
PLL
G
AVCC = 3.3 V
Test
Mode
Logic
AVCC
NOTE A: All outputs are connected to VCC = 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com