Electronic Components Datasheet Search
  English  ▼

X  

CDC857 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC857
Description  2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC857 Datasheet(HTML) 3 Page - Texas Instruments

  CDC857 Datasheet HTML 1Page - Texas Instruments CDC857 Datasheet HTML 2Page - Texas Instruments CDC857 Datasheet HTML 3Page - Texas Instruments CDC857 Datasheet HTML 4Page - Texas Instruments CDC857 Datasheet HTML 5Page - Texas Instruments CDC857 Datasheet HTML 6Page - Texas Instruments CDC857 Datasheet HTML 7Page - Texas Instruments CDC857 Datasheet HTML 8Page - Texas Instruments CDC857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDC857-2, CDC857-3
2.5-/3.3-V PHASE-LOCK LOOP CLOCK DRIVERS
SCAS627A – SEPTEMBER 1999 – DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SPECIAL TEST MODES
INPUTS
OUTPUTS
COMMENTS
VCC
AVCC
G
CLK†
Y
Y
FBOUT
FBOUT
COMMENTS
ON
0 V
L
L
Z
Z
Z
Z
Clock Mode
ON
0 V
L
H
Z
Z
Z
Z
Clock Mode
ON
0 V
H
L
L
H
L
H
Clock Mode
ON
0 V
H
H
H
L
H
L
Clock Mode
ON
UP‡
↓§
LZ
Z
L
H
PLL Mode
ON
UP‡
↓§
H
Z
Z
H
L
PLL Mode
† Only one signal shown for this differential input.
‡ AVCC ramped up after two (2) high-to-low transitions on G input & G being low.
§ At least two (2) high-to-low transitions during AVCC = 0.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
17
Ground
Analog ground. AGND provides the ground reference for the analog circuitry.
AVCC
16
Power
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC
can be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL is bypassed
and CLK is buffered directly to the device outputs. During disable (G = 0), the PLL is powered down.
CLK
CLK
13
14
I
Clock input, CLK provides the clock signal to be distributed by the CDC857 clock driver. CLK is used
to provide the reference signal to the integrated PLL that generates the clock output signals. CLK
must have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is
powered up and a valid CLK signal is applied, a stabilization time is required for the PLL to phase
lock the feedback signal to its reference signal.
FBIN
FBIN
36
35
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired
to FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is
nominally zero phase error between CLK and FBIN.
FBOUT
FBOUT
32
33
O
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as
CLK. When externally wired to FBIN, FBOUT completes the feedback loop of the PLL.
G
37
I
Output bank enable. G is the output enable for outputs Y and Y. When G is low outputs Y are disabled
to a high-impedance state. When G is high, all outputs Y are enabled and switch at the same
frequency as CLK.
GND
1, 7, 8, 18,
24, 25, 31,
41, 42, 48
Ground
Ground
VCC
4, 11, 12,
15, 21, 28,
34, 38, 45
Power
Power supply
Y0, Y1, Y2,
Y3, Y4, Y5,
Y6, Y7, Y8,
Y9
3, 5, 10,
20, 22, 46,
44, 39, 29,
27
O
Clock outputs. These outputs provide low-skew copies of CLK.
Y0, Y1, Y2,
Y3, Y4, Y5,
Y6, Y7, Y8,
Y9
2, 6, 9,
19, 23, 47,
43, 40, 30,
26
O
Clock outputs. These outputs provide low-skew copies of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com