Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMJB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMJB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LT1014AMJB Datasheet HTML 8Page - Texas Instruments LT1014AMJB Datasheet HTML 9Page - Texas Instruments LT1014AMJB Datasheet HTML 10Page - Texas Instruments LT1014AMJB Datasheet HTML 11Page - Texas Instruments LT1014AMJB Datasheet HTML 12Page - Texas Instruments LT1014AMJB Datasheet HTML 13Page - Texas Instruments LT1014AMJB Datasheet HTML 14Page - Texas Instruments LT1014AMJB Datasheet HTML 15Page - Texas Instruments LT1014AMJB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 1
Rs – Source Resistance – Ω
LT1014
INPUT OFFSET VOLTAGE
vs
BALANCED SOURCE RESISTANCE
1 k
0.01
0.1
1
10
–
+
TA = 25°C
VCC
± = 5 V
VCC– = 0
VCC
± = ±15 V
RS
RS
3 k
10 k 30 k 100 k 300 k
1 M
3 M
10 M
Figure 2
TA – Free-Air Temperature – °C
INPUT OFFSET VOLTAGE
OF REPRESENTATIVE UNITS
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
250
200
150
100
50
0
–50
–100
–150
–200
–250
–50
–25
0
25
50
75
100
125
3
2
1
0
01
2
3
4
t – Time After Power-On – min
WARM-UP CHANGE IN INPUT OFFSET VOLTAGE
vs
ELAPSED TIME
5
45
N Package
VCC
± = ±15 V
TA = 25°C
J Package
Figure 3
0.2
0
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
1
0.4
0.6
0.8
VIC = 0
VCC
± = ±2.5 V
TA – Free-Air Temperature – °C
VCC+ = 5 V, VCC– = 0
–50
–25
0
25
50
75
100
125
VCC
± = ±15 V
Figure 4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com