Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMJB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMJB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LT1014AMJB Datasheet HTML 16Page - Texas Instruments LT1014AMJB Datasheet HTML 17Page - Texas Instruments LT1014AMJB Datasheet HTML 18Page - Texas Instruments LT1014AMJB Datasheet HTML 19Page - Texas Instruments LT1014AMJB Datasheet HTML 20Page - Texas Instruments LT1014AMJB Datasheet HTML 21Page - Texas Instruments LT1014AMJB Datasheet HTML 22Page - Texas Instruments LT1014AMJB Datasheet HTML 23Page - Texas Instruments LT1014AMJB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
10
Ω
100 k
Ω
0.1
µF
2 k
Ω
4.7
µF
AVD = 50,000
24.3 k
Ω
100 k
Ω
0.1
µF
4.3 k
Ω
2.2
µF
110 k
Ω
22
µF
Oscilloscope
Rin = 1 MΩ
NOTE A: All capacitor values are for nonpolarized capacitors only.
LT1014
+
–
LT1001
+
–
Figure 27. 0.1-Hz to 10-Hz Peak-to-Peak Noise Test Circuit
10 k
Ω
10 M
Ω†
100
Ω
Vn
In
+
V
no2 *
(820 nV)
2
1 2
40 M
W
100
† Metal-film resistor
10 M
Ω†
10 M
ن 10 Mن
LT1014
+
–
Figure 28. Noise-Current Test Circuit and Formula
15 V
–15 V
VO = 1000 VIO
100
Ω
(see Note A)
50
Ω
(see Note A)
LT1014
+
–
50
Ω
(see Note A)
NOTE A: Resistors must have low thermoelectric potential.
Figure 29. Test Circuit for VIO and αVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com