Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMJB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMJB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LT1014AMJB Datasheet HTML 9Page - Texas Instruments LT1014AMJB Datasheet HTML 10Page - Texas Instruments LT1014AMJB Datasheet HTML 11Page - Texas Instruments LT1014AMJB Datasheet HTML 12Page - Texas Instruments LT1014AMJB Datasheet HTML 13Page - Texas Instruments LT1014AMJB Datasheet HTML 14Page - Texas Instruments LT1014AMJB Datasheet HTML 15Page - Texas Instruments LT1014AMJB Datasheet HTML 16Page - Texas Instruments LT1014AMJB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VIC = 0
VCC+ = 5 V, VCC– = 0
VCC
± = ±2.5 V
VCC
± = ±15 V
–30
–25
–20
–15
–10
–5
0
–50
–25
0
25
50
75
100
125
Figure 6
IIB – Input Bias Current – nA
COMMON-MODE INPUT VOLTAGE
vs
INPUT BIAS CURRENT
TA = 25°C
VCC
± = ±15 V
(Left Scale)
VCC+ = 5 V
VCC– = 0
(Right Scale)
15
10
5
0
–5
–10
–15
0
–5
–10
–15
–20
–25
–30
5
3
4
2
1
0
–1
Figure 7
RL – Load Resistance – Ω
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
VCC
± = ±15 V
VO = ±10 V
TA = –55°C
TA = 25°C
TA = 125°C
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
Figure 8
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
VCC+ = 5 V, VCC– = 0
VO = 20 mV to 3.5 V
TA = –55°C
TA = 25°C
TA = 125°C
RL – Load Resistance – Ω
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com