Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMJB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMJB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LT1014AMJB Datasheet HTML 15Page - Texas Instruments LT1014AMJB Datasheet HTML 16Page - Texas Instruments LT1014AMJB Datasheet HTML 17Page - Texas Instruments LT1014AMJB Datasheet HTML 18Page - Texas Instruments LT1014AMJB Datasheet HTML 19Page - Texas Instruments LT1014AMJB Datasheet HTML 20Page - Texas Instruments LT1014AMJB Datasheet HTML 21Page - Texas Instruments LT1014AMJB Datasheet HTML 22Page - Texas Instruments LT1014AMJB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
comparator applications
The single-supply operation of the LT1014 can be used as a precision comparator with TTL-compatible output.
In systems using both operational amplifiers and comparators, the LT1014 can perform multiple duties (see
Figures 25 and 26).
Figure 25. Low-to-High-Level Output Response
for Various Input Overdrives
100 mV
10 mV
5 mV
2 mV
t – Time –
µs
Overdrive
VCC+ = 5 V
VCC– = 0
TA = 25°C
5
4
3
2
1
0
0
50
100 150 200 250 300 350 400 450
Figure 26. High-to-Low-Level Output Response
for Various Input Overdrives
2 mV
5 mV
100 mV
Overdrive
10 mV
t – Time –
µs
VCC+ = 5 V
VCC– = 0
TA = 25°C
5
4
3
2
1
0
0
50
100 150 200 250 300 350 400 450
low-supply operation
The minimum supply voltage for proper operation of the LT1014 is 3.4 V (three Ni-Cad batteries). Typical supply
current at this voltage is 290
µA; therefore, power dissipation is only 1 mW per amplifier.
offset voltage and noise testing
Figure 30 shows the test circuit for measuring input offset voltage and its temperature coefficient. This circuit
with supply voltages increased to
±20 V is also used as the burn-in configuration.
The peak-to-peak equivalent input noise voltage of the LT1014 is measured using the test circuit shown in
Figure 27. The frequency response of the noise tester indicates that the 0.1-Hz corner is defined by only one
zero. The test time to measure 0.1-Hz to 10-Hz noise should not exceed 10 seconds, as this time limit acts as
an additional zero to eliminate noise contribution from the frequency band below 0.1 Hz.
An input noise-voltage test is recommended when measuring the noise of a large number of units. A 10-Hz input
noise-voltage measurement correlates well with a 0.1-Hz peak-to-peak noise reading because both results are
determined by the white noise and the location of the 1/f corner frequency.
Noise current is measured by the circuit and formula shown in Figure 28. The noise of the source resistors is
subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com