Electronic Components Datasheet Search
  English  ▼

X  

PCI1225PDV Datasheet(PDF) 42 Page - Texas Instruments

Part # PCI1225PDV
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225PDV Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCI1225PDV Datasheet HTML 38Page - Texas Instruments PCI1225PDV Datasheet HTML 39Page - Texas Instruments PCI1225PDV Datasheet HTML 40Page - Texas Instruments PCI1225PDV Datasheet HTML 41Page - Texas Instruments PCI1225PDV Datasheet HTML 42Page - Texas Instruments PCI1225PDV Datasheet HTML 43Page - Texas Instruments PCI1225PDV Datasheet HTML 44Page - Texas Instruments PCI1225PDV Datasheet HTML 45Page - Texas Instruments PCI1225PDV Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
suspend mode
The SUSPEND signal provides backward compatibility and gates the PCI reset (PRST) signal from the
PCI1225. However, additional functionality has been defined for SUSPEND to provide additional
power-management options.
SUSPEND provides a mechanism to gate PCLK from the PCI1225, as well as gate PRST. This can potentially
save power while in an idle state; however, it requires substantial design effort to implement. Some issues to
consider are:
D What if cards are present in the sockets?
D What if the cards in the sockets are powered?
D How to pass CSC (insertion/removal) events.
Even without the PCI clock to the PCI1225 core, asynchronous-type functions (such as RI_OUT) can pass CSC
events, wake-up events, etc., back to the system. If a system designer chooses to not pass card removal events
through to the system, then the PCI1225 would not be able to power down the empty socket without the power
switch clock (CLOCK) generated externally. See the P2C power switch interface for details. Figure 17 is a
functional implementation diagram.
PCI1225
Core
SUSPEND
PRST
GNT
PCLK
Figure 17. SUSPEND Functional Implementation
Figure 18 is a signal diagram of the suspend function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com