Electronic Components Datasheet Search
  English  ▼

X  

PCI1225PDV Datasheet(PDF) 26 Page - Texas Instruments

Part # PCI1225PDV
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225PDV Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCI1225PDV Datasheet HTML 22Page - Texas Instruments PCI1225PDV Datasheet HTML 23Page - Texas Instruments PCI1225PDV Datasheet HTML 24Page - Texas Instruments PCI1225PDV Datasheet HTML 25Page - Texas Instruments PCI1225PDV Datasheet HTML 26Page - Texas Instruments PCI1225PDV Datasheet HTML 27Page - Texas Instruments PCI1225PDV Datasheet HTML 28Page - Texas Instruments PCI1225PDV Datasheet HTML 29Page - Texas Instruments PCI1225PDV Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
zoom video support
The PCI1225 allows for the implementation of zoom video for PC Cards. Zoom video is supported by setting
the ZVENABLE bit in the card control register on a per-socket-function basis. Setting this bit puts 16-bit PC Card
address lines A25–A4 of the PC Card interface in the high-impedance state. These lines can then be used to
transfer video and audio data directly to the appropriate controller. Card address lines A3–A0 can still be used
to access PC Card CIS registers for PC Card configuration. Figure 4 illustrates a PCI1225 ZV implementation.
CRT
VGA
Controller
Audio
Codec
PCI1225
19
4
Zoom Video
Port
PCM
Audio
Input
PCI Bus
PC Card
Interface
Video
Audio
19
4
PC Card
Motherboard
Speakers
Figure 4. Zoom Video Implementation Using PCI1225
Not shown in Figure 4 is the multiplexing scheme used to route either socket 0 or socket 1 ZV source to the
graphics controller. The PCI1225 provides ZVSTAT, ZVSEL0, and ZVSEL1 signals on the multifunction
terminals to switch external bus drivers. Figure 5 shows an implementation for switching between three ZV
streams using external logic.
ZVSTAT
ZVSEL0
ZVSEL1
PCI1225
2
0
1
Figure 5. Zoom Video Switching Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com