Electronic Components Datasheet Search
  English  ▼

X  

PCI1225PDV Datasheet(PDF) 94 Page - Texas Instruments

Part # PCI1225PDV
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225PDV Datasheet(HTML) 94 Page - Texas Instruments

Back Button PCI1225PDV Datasheet HTML 90Page - Texas Instruments PCI1225PDV Datasheet HTML 91Page - Texas Instruments PCI1225PDV Datasheet HTML 92Page - Texas Instruments PCI1225PDV Datasheet HTML 93Page - Texas Instruments PCI1225PDV Datasheet HTML 94Page - Texas Instruments PCI1225PDV Datasheet HTML 95Page - Texas Instruments PCI1225PDV Datasheet HTML 96Page - Texas Instruments PCI1225PDV Datasheet HTML 97Page - Texas Instruments PCI1225PDV Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
94
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA I/O window control register
Bit
7
6
5
4
3
2
1
0
Name
ExCA I/O window control
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA
I/O window control
Type:
Read/write (see individual bit descriptions)
Offset:
CardBus socket address + 807h; Card A ExCA offset 07h
Card B ExCA offset 47h
Default:
00h
Description: This register contains parameters related to I/O window sizing and cycle timing. See Table 51
for a complete description of the register contents.
Table 51. ExCA
I/O Window Control Register
BIT
SIGNAL
TYPE
FUNCTION
7
WAITSTATE1
R/W
I/O window 1 wait state. Bit 7 controls the I/O window 1 wait state for 16-bit I/O accesses. Bit 7 has no
effect on 8-bit accesses. This wait-state timing emulates the ISA wait state used by the Intel 82365SL-DF.
This bit is encoded as:
0 = 16-bit cycles have standard length (default).
1 = 16-bit cycles are extended by one equivalent ISA wait state.
6
ZEROWS1
R/W
I/O window 1 zero wait state. Bit 6 controls the I/O window 1 wait state for 8-bit I/O accesses. Bit 6 has
no effect on 16-bit accesses. This wait-state timing emulates the ISA wait state used by the Intel
82365SL-DF. This bit is encoded as:
0 = 8-bit cycles have standard length (default).
1 = 8-bit cycles are reduced to equivalent of three ISA cycles.
5
IOSIS16W1
R/W
I/O window 1 IOIS16 source. Bit 5 controls the I/O window 1 automatic data sizing feature that uses
IOIS16 from the PC Card to determine the data width of the I/O data transfer. This bit is encoded as:
0 = Window data width determined by DATASIZE1, bit 4 (default).
1 = Window data width determined by IOIS16.
4
DATASIZE1
R/W
I/O window 1 data size. Bit 4 controls the I/O window 1 data size. Bit 4 is ignored if the I/O window 1
IOIS16 source bit (bit 5) is set. This bit is encoded as:
0 = Window data width is 8 bits (default).
1 = Window data width is 16 bits.
3
WAITSTATE0
R/W
I/O window 0 wait state. Bit 3 controls the I/O window 0 wait state for 16-bit I/O accesses. Bit 3 has no
effect on 8-bit accesses. This wait-state timing emulates the ISA wait state used by the Intel 82365SL-DF.
This bit is encoded as:
0 = 16-bit cycles have standard length (default).
1 = 16-bit cycles are extended by one equivalent ISA wait state.
2
ZEROWS0
R/W
I/O window 0 zero wait state. Bit 2 controls the I/O window 0 wait state for 8-bit I/O accesses. Bit 2 has
no effect on 16-bit accesses. This wait-state timing emulates the ISA wait state used by the Intel
82365SL-DF. This bit is encoded as:
0 = 8-bit cycles have standard length (default).
1 = 8-bit cycles are reduced to equivalent of three ISA cycles.
1
IOSIS16W0
R/W
I/O window 0 IOIS16 source. Bit 1 controls the I/O window 0 automatic data sizing feature that uses
IOIS16 from the PC Card to determine the data width of the I/O data transfer. This bit is encoded as:
0 = Window data width is determined by DATASIZE0, bit 0 (default).
1 = Window data width is determined by IOIS16.
0
DATASIZE0
R/W
I/O window 0 data size. Bit 0 controls the I/O window 0 data size. Bit 0 is ignored if the I/O window 0
IOIS16 source bit (bit 1) is set. This bit is encoded as:
0 = Window data width is 8 bits (default).
1 = Window data width is 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com