Electronic Components Datasheet Search
  English  ▼

X  

PCI1410 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI1410
Description  PC CARD CONTROLLERS
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1410 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI1410 Datasheet HTML 73Page - Texas Instruments PCI1410 Datasheet HTML 74Page - Texas Instruments PCI1410 Datasheet HTML 75Page - Texas Instruments PCI1410 Datasheet HTML 76Page - Texas Instruments PCI1410 Datasheet HTML 77Page - Texas Instruments PCI1410 Datasheet HTML 78Page - Texas Instruments PCI1410 Datasheet HTML 79Page - Texas Instruments PCI1410 Datasheet HTML 80Page - Texas Instruments PCI1410 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 145 page
background image
4–19
4.30 Multifunction Routing Register
The multifunction routing register is used to configure the MFUNC0–MFUNC6 terminals. These terminals may be
configured for various functions. All multifunction terminals default to the general-purpose input configuration. This
register is intended to be programmed once at power-on initialization. The default value for this register may also be
loaded through a serial bus EEPROM. See Table 4–8 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Multifunction routing
Type
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Multifunction routing
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Multifunction routing
Offset:
8Ch
Type:
Read-only, Read/Write
Default:
0000 0000h
Table 4–8. Multifunction Routing Register
BIT
SIGNAL
TYPE
FUNCTION
31–28
RSVD
R
Bits 31–28 return 0s when read.
27–24
MFUNC6
R/W
Multifunction terminal 6 configuration. These bits control the internal signal mapped to the MFUNC6 terminal
as follows:
0000 = RSVD
0100 = IRQ4
1000 = IRQ8
1100 = IRQ12
0001 = CLKRUN
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = IRQ2
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
23–20
MFUNC5
R/W
Multifunction terminal 5 configuration. These bits control the internal signal mapped to the MFUNC5 terminal
as follows:
0000 = GPI4
0100 = IRQ4
1000 = CAUDPWM
1100 = LED_SKT
0001 = GPO4
0101 = RSVD
1001 = IRQ9
1101 = LED_SKT
0010 = PCGNT
0110 = ZVSTAT
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = ZVSEL0
1011 = IRQ11
1111 = IRQ15
19–16
MFUNC4
R/W
Multifunction terminal 4 configuration. These bits control the internal signal mapped to the MFUNC4 terminal
as follows:
NOTE: When the serial bus mode is implemented by pulling up the VCCD0 and VCCD1 terminals, the
MFUNC4 terminal provides the SCL signaling.
0000 = GPI3
0100 = IRQ4
1000 = CAUDPWM
1100 = RI_OUT
0001 = GPO3
0101 = IRQ5
1001 = IRQ9
1101 = LED_SKT
0010 = LOCK PCI
0110 = ZVSTAT
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = ZVSEL0
1011 = IRQ11
1111 = IRQ15
15–12
MFUNC3
R/W
Multifunction terminal 3 configuration. These bits control the internal signal mapped to the MFUNC3 terminal
as follows:
0000 = RSVD
0100 = IRQ4
1000 = IRQ8
1100 = IRQ12
0001 = IRQSER
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = IRQ2
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
11–8
MFUNC2
R/W
Multifunction terminal 2 configuration. These bits control the internal signal mapped to the MFUNC2 terminal
as follows:
0000 = GPI2
0100 = IRQ4
1000 = CAUDPWM
1100 = RI_OUT
0001 = GPO2
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = PCREQ
0110 = ZVSTAT
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = ZVSEL0
1011 = IRQ11
1111 = IRQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com