Electronic Components Datasheet Search
  English  ▼

X  

PCI1410 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI1410
Description  PC CARD CONTROLLERS
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1410 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1410 Datasheet HTML 25Page - Texas Instruments PCI1410 Datasheet HTML 26Page - Texas Instruments PCI1410 Datasheet HTML 27Page - Texas Instruments PCI1410 Datasheet HTML 28Page - Texas Instruments PCI1410 Datasheet HTML 29Page - Texas Instruments PCI1410 Datasheet HTML 30Page - Texas Instruments PCI1410 Datasheet HTML 31Page - Texas Instruments PCI1410 Datasheet HTML 32Page - Texas Instruments PCI1410 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 145 page
background image
2–15
Table 2–11. Multifunction and Miscellaneous Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
GGU
PGE
GHK
I/O
DESCRIPTION
MFUNC0
K8
60
W10
I/O
Multifunction terminal 0. MFUNC0 can be configured as parallel PCI interrupt INTA, GPI0,
GPO0, socket activity LED output, ZV switching outputs, CardBus audio PWM, GPE, or a
parallel IRQ. See Section 4.30,
Multifunction Routing Register, for configuration details.
MFUNC1
N9
61
V10
I/O
Multifunction terminal 1. MFUNC1 can be configured as GPI1, GPO1, socket activity LED
output, ZV switching outputs, CardBus audio PWM, GPE, or a parallel IRQ. See Section 4.30,
Multifunction Routing Register, for configuration details.
Serial data (SDA). When VCCD0 and VCCD1 are high after a PCI reset, the MFUNC1 terminal
provides the SDA signaling for the serial bus interface. The two-terminal serial interface loads
the subsystem identification and other register defaults from an EEPROM after a PCI reset. See
Section 3.6.1,
Serial Bus Interface Implementation, for details on other serial bus applications.
MFUNC2
K9
64
P10
I/O
Multifunction terminal 2. MFUNC2 can be configured as PC/PCI DMA request, GPI2, GPO2,
socket activity LED output, ZV switching outputs, CardBus audio PWM, GPE, RI_OUT, or a
parallel IRQ. See Section 4.30,
Multifunction Routing Register, for configuration details.
MFUNC3
N10
65
W11
I/O
Multifunction terminal 3. MFUNC3 can be configured as a parallel IRQ or the serialized interrupt
signal IRQSER. See Section 4.30,
Multifunction Routing Register, for configuration details.
MFUNC4
L10
67
U11
I/O
Multifunction terminal 4. MFUNC4 can be configured as PCI LOCK, GPI3, GPO3, socket activity
LED output, ZV switching outputs, CardBus audio PWM, GPE, RI_OUT, or a parallel IRQ. See
Section 4.30,
Multifunction Routing Register, for configuration details.
Serial clock (SCL). When VCCD0 and VCCD1 are high after a PCI reset, the MFUNC4 terminal
provides the SCL signaling for the serial bus interface. The two-terminal serial interface loads
the subsystem identification and other register defaults from an EEPROM after a PCI reset. See
Section 3.6.1,
Serial Bus Interface Implementation, for details on other serial bus applications.
MFUNC5
N11
68
P11
I/O
Multifunction terminal 5. MFUNC5 can be configured as PC/PCI DMA grant, GPI4, GPO4,
socket activity LED output, ZV switching outputs, CardBus audio PWM, GPE, or a parallel IRQ.
See Section 4.30,
Multifunction Routing Register, for configuration details.
MFUNC6
M11
69
R11
I/O
Multifunction terminal 6. MFUNC6 can be configured as a PCI CLKRUN or a parallel IRQ. See
Section 4.30,
Multifunction Routing Register, for configuration details.
RI_OUT/PME
L8
59
P9
O
Ring indicate out and power management event output. Terminal provides an output for
ring-indicate or PME signals.
SPKROUT
M9
62
U10
O
Speaker output. SPKROUT is the output to the host system that can carry SPKR or CAUDIO
through the PCI1410 from the PC Card interface. SPKROUT is driven as the exclusive-OR
combination of card SPKR//CAUDIO inputs.
SUSPEND
L11
70
W12
I
Suspend. SUSPEND protects the internal registers from clearing when the GRST or PRST
signal is asserted. See Section 3.8.4,
Suspend Mode, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com