Electronic Components Datasheet Search
  English  ▼

X  

PCI1410 Datasheet(PDF) 93 Page - Texas Instruments

Part # PCI1410
Description  PC CARD CONTROLLERS
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1410 Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCI1410 Datasheet HTML 89Page - Texas Instruments PCI1410 Datasheet HTML 90Page - Texas Instruments PCI1410 Datasheet HTML 91Page - Texas Instruments PCI1410 Datasheet HTML 92Page - Texas Instruments PCI1410 Datasheet HTML 93Page - Texas Instruments PCI1410 Datasheet HTML 94Page - Texas Instruments PCI1410 Datasheet HTML 95Page - Texas Instruments PCI1410 Datasheet HTML 96Page - Texas Instruments PCI1410 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 145 page
background image
4–35
4.50 Serial Bus Control and Status Register
The serial bus control and status register communicates serial bus status information and selects the quick command
protocol. Bit 5 (REQBUSY) in this register must be polled during serial bus byte reads to indicate when data is valid
in the serial bus data register. See Table 4–25 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Serial bus control and status
Type
R/W
R
R
R
R/C
R/W
R/C
R/C
Default
0
0
0
0
0
0
0
0
Register:
Serial bus control and status
Offset:
B3h
Type:
Read-only, Read/Write, Read/Clear
Default:
00h
Table 4–25. Serial Bus Control and Status Register
BIT
SIGNAL
TYPE
FUNCTION
7
PROT_SEL
R/W
Protocol select. When bit 7 is set, the send byte protocol is used on write requests and the receive byte
protocol is used on read commands. The word address byte (SBINDEX) in the serial bus index register (see
Section 4.48) is not output by the PCI1410 when bit 7 is set.
6
RSVD
R
Reserved. Bit 6 returns 0 when read.
5
REQBUSY
R
Requested serial bus access busy. Bit 5 indicates that a requested serial bus access (byte read or write)
is in progress. A request is made, and bit 5 is set, by writing to the serial bus slave address register (see
Section 4.49). Bit 5 must be polled on reads from the serial bus interface. After the byte read access has
been requested, the read data is valid in the serial bus data register.
4
ROMBUSY
R
Serial EEPROM busy status. Bit 4 indicates the status of the PCI1410 serial EEPROM circuitry. Bit 4 is set
during the loading of the subsystem ID and other default values from the serial bus EEPROM.
0 = Serial EEPROM circuitry is not busy
1 = Serial EEPROM circuitry is busy
3
SBDETECT
R/C
Serial bus detect. Bit 3 is set when the serial bus interface is detected through pullup resistors on the VCCD0
and VCCD1 terminals after reset. If bit 3 is cleared, then the MFUNC4 and MFUNC1 terminals can be used
for alternate functions such as general-purpose inputs and outputs.
0 = Serial bus interface not detected
1 = Serial bus interface detected
2
SBTEST
R/W
Serial bus test. When bit 2 is set, the serial bus clock frequency is increased for test purposes.
0 = Serial bus clock at normal operating frequency,
 100 kHz (default)
1 = Serial bus clock frequency increased for test purposes
1
REQ_ERR
R/C
Requested serial bus access error. Bit 1 indicates when a data error occurs on the serial interface during
a requested cycle and may be set due to a missing acknowledge. Bit 1 is cleared by a write back of 1.
0 = No error detected during user requested byte read or write cycle
1 = Data error detected during user requested byte read or write cycle
0
ROM_ERR
R/C
EEPROM data error status. Bit 0 indicates when a data error occurs on the serial bus interface during the
auto-load from the serial bus EEPROM and may be set due to a missing acknowledge. Bit 0 is also set on
invalid EEPROM data formats. See Section 3.6.1,
Serial Bus Interface Implementation, for details on
EEPROM data format. Bit 0 is cleared by a write back of 1.
0 = No error detected during auto-load from serial bus EEPROM
1 = Data error detected during auto-load from serial bus EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com