Electronic Components Datasheet Search
  English  ▼

X  

PCI2050 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI2050
Description  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 35Page - Texas Instruments PCI2050 Datasheet HTML 36Page - Texas Instruments PCI2050 Datasheet HTML 37Page - Texas Instruments PCI2050 Datasheet HTML 38Page - Texas Instruments PCI2050 Datasheet HTML 39Page - Texas Instruments PCI2050 Datasheet HTML 40Page - Texas Instruments PCI2050 Datasheet HTML 41Page - Texas Instruments PCI2050 Datasheet HTML 42Page - Texas Instruments PCI2050 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
3–15
3.16.2 Transaction Forwarding Control
The PCI 2050 will stop forwarding I/O and memory transactions if bit 5 of the chip control register (offset 40h, see
Section 5.1) is set to 1 and GPIO3 is driven high. The bridge will complete all queued posted writes and delayed
requests, but delayed completions will not be returned until GPIO3 is driven low and transaction forwarding is
resumed. The bridge will continue to accept configuration cycles in this mode. This feature is not available when in
compact PCI hot-swap mode because GPIO3 iis used as the HS_SWITCH input in this mode.
3.17 PCI Power Management
The
PCI Power Management Specification establishes the infrastructure required to let the operating system control
the power of PCI functions. This is done by defining a standard PCI interface and operations to manage the power
of PCI functions on the bus. The PCI bus and the PCI functions can be assigned one of four software visible power
management states, which result in varying levels of power savings.
The four power management states of PCI functions are D0 — fully on state, D1 and D2 — intermediate states, and
D3 — off state. Similarly, bus power states of the PCI bus are B0–B3. The bus power states B0–B3 are derived from
the device power state of the originating PCI2050 device.
For the operating system to manage the device power states on the PCI bus, the PCI function supports four power
management operations:
•
Capabilities reporting
•
Power status reporting
•
Setting the power state
•
System wake-up
The operating system identifies the capabilities of the PCI function by traversing the new capabilities list. The
presence of the new capabilities list is indicated by a bit in the status register (offset 06h, see Section 4.4) which
provides access to the capabilities list.
3.17.1 Behavior in Low Power States
The PCI2050 supports D0, D1, D2, and D3hot power states when in TI mode. The PCI2050 only supports D0 and
D3 power states when in Intel mode. The PCI2050 is fully functional only in D0 state. In the lower power states, the
bridge does not accept any memory or I/O transactions. These transactions are aborted by the master. The bridge
accepts type 0 configuration cycles in all power states except D3cold. The bridge also accepts type 1 configuration
cycles but does not pass these cycles to the secondary bus in any of the lower power states. Type 1 configuration
writes are discarded and reads return all 1s. All error reporting is done in the low power states. When in D2 and D3hot
states, the bridge turns off all secondary clocks for further power savings.
When going from D3hot to D0, an internal reset is generated. This reset initializes all PCI configuration registers to
their default values. All TI specific registers (40h – FFh) are not reset. Power management registers are also not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com