Electronic Components Datasheet Search
  English  ▼

X  

PCI2050 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI2050
Description  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 39Page - Texas Instruments PCI2050 Datasheet HTML 40Page - Texas Instruments PCI2050 Datasheet HTML 41Page - Texas Instruments PCI2050 Datasheet HTML 42Page - Texas Instruments PCI2050 Datasheet HTML 43Page - Texas Instruments PCI2050 Datasheet HTML 44Page - Texas Instruments PCI2050 Datasheet HTML 45Page - Texas Instruments PCI2050 Datasheet HTML 46Page - Texas Instruments PCI2050 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
4–3
4.3
Command Register
The command register provides control over the bridge interface to the primary PCI bus. VGA palette snooping is
enabled through this register, and all other bits adhere to the definitions in the
PCI Local Bus Specification. Table 4–2
describes the bit functions in the command register.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
R
R/W
R/W
R
R/W
R/W
R
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Type:
Read-only, read/write (see individual bit descriptions)
Offset:
04h
Default:
0000h
Table 4–2. Command Register
BIT
TYPE
FUNCTION
15–10
R
Reserved
9
R/W
Fast back-to-back enable. The bridge does not generate fast back-to-back transactions on the primary PCI bus. Bit 9 is
read/write, but does not affect the bridge when set. This bit defaults to 0.
8
R/W
System error (SERR) enable. Bit 8 controls the enable for the SERR driver on the primary interface.
0 = Disable SERR driver on primary interface (default)
1 = Enable the SERR driver on primary interface
7
R
Wait cycle control. Bit 7 controls address/data stepping by the bridge on both interfaces. The bridge does not support
address/data stepping and this bit is hardwired to 0.
6
R/W
Parity error response enable. Bit 6 controls the bridge response to parity errors.
0 = Parity error response disabled (default)
1 = Parity error response enabled
5
R/W
VGA palette snoop enable. When set, the bridge passes I/O writes on the primary PCI bus with addresses 3C6h, 3C8h,
and 3C9h inclusive of ISA aliases (i.e., only bits AD9–AD0 are included in the decode).
4
R
Memory write and invalidate enable. In a PCI-to-PCI bridge, bit 4 must be read-only and return 0 when read.
3
R
Special cycle enable. A PCI-to-PCI bridge cannot respond as a target to special cycle transactions, so bit 3 is defined as
read-only and must return 0 when read.
2
R/W
Bus master enable. Bit 2 controls the ability of the bridge to initiate a cycle on the primary PCI bus. When bit 2 is 0, the bridge
does not respond to any memory or I/O transactions on the secondary interface since they cannot be forwarded to the
primary PCI bus.
0 = Bus master capability disabled (default)
1 = Bus master capability enabled
1
R/W
Memory space enable. Bit 1 controls the bridge response to memory accesses for both prefetchable and nonprefetchable
memory spaces on the primary PCI bus. Only when bit 1 is set will the bridge forward memory accesses to the secondary
bus from a primary bus initiator.
0 = Memory space disabled (default)
1 = Memory space enabled
0
R/W
I/O space enable. Bit 0 controls the bridge response to I/O accesses on the primary interface. Only when bit 0 is set will
the bridge forward I/O accesses to the secondary bus from a primary bus initiator.
0 = I/O space disabled (default)
1 = I/O space enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com