Electronic Components Datasheet Search
  English  ▼

X  

PCI2050 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI2050
Description  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 73Page - Texas Instruments PCI2050 Datasheet HTML 74Page - Texas Instruments PCI2050 Datasheet HTML 75Page - Texas Instruments PCI2050 Datasheet HTML 76Page - Texas Instruments PCI2050 Datasheet HTML 77Page - Texas Instruments PCI2050 Datasheet HTML 78Page - Texas Instruments PCI2050 Datasheet HTML 79Page - Texas Instruments PCI2050 Datasheet HTML 80Page - Texas Instruments PCI2050 Datasheet HTML 81Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
6–7
6.8
PCI Bus Parameter Measurement Information
twH
2 V
0.8 V
tr
tf
tc
twL
2 V min Peak to Peak
Figure 6–2. PCLK Timing Waveform
tw
tsu
PCLK
RSTIN
Figure 6–3. RSTIN Timing Waveforms
1.5 V
tpd
tpd
Valid
1.5 V
ton
toff
Valid
tsu
th
PCLK
PCI Output
PCI Input
Figure 6–4. Shared-Signals Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com