Electronic Components Datasheet Search
  English  ▼

X  

HC362 Datasheet(PDF) 7 Page - Altera Corporation

Part # HC362
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC362 Datasheet(HTML) 7 Page - Altera Corporation

Back Button HC362 Datasheet HTML 3Page - Altera Corporation HC362 Datasheet HTML 4Page - Altera Corporation HC362 Datasheet HTML 5Page - Altera Corporation HC362 Datasheet HTML 6Page - Altera Corporation HC362 Datasheet HTML 7Page - Altera Corporation HC362 Datasheet HTML 8Page - Altera Corporation HC362 Datasheet HTML 9Page - Altera Corporation HC362 Datasheet HTML 10Page - Altera Corporation HC362 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–5
Electrical Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Table 1–4 lists supply current specifications for V
CC_CLKIN and VCCPGM. Use the EPE to get
supply current estimates for the remaining power supplies.
I/O Pin Leakage Current
Table 1–5 defines HardCopy III I/O pin leakage current specifications.
On-Chip Termination (OCT) Specifications
If OCT calibration is enabled, calibration is automatically performed at power up for
I/Os connected to the calibration block. Table 1–6 lists the HardCopy III OCT
calibration block accuracy specifications.
Table 1–4. Supply Current Specifications for VCC_CLKIN and VCCPGM – Preliminary (Note 1)
Symbol
Parameter
Min
Max
Unit
I
CLKIN
V
CC_CLKIN current specifications
0
TBD
mA
I
PGM
V
CCPGM current specifications
0
TBD
mA
Note to Table 1–4:
(1) Pending silicon characterization.
Table 1–5. HardCopy III I/O Pin Leakage Current – Preliminary (Note 1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
I
Input pin leakage current
V
I = VCCIOMAX to 0 V
–10
—
10
μA
I
OZ
Tri-stated I/O pin leakage
current
V
O = VCC IOM AX to 0 V
–10
—
10
μA
Notes To Table 1–5:
(1) This value is specified for normal device operation. The value may vary during power up. This applies for all VCCIO
settings (3.0, 2.5, 1.8, 1.5, and 1.2 V).
(2) The 10 mA I/O leakage current limit is applicable when the internal clamping diode is off. A higher current is
observed when the diode is on.
Table 1–6. HardCopy III On-Chip Termination Calibration Accuracy Specifications – Preliminary (Part 1 of 2) (Note 1)
Symbol
Description
Conditions
Calibration Accuracy
Unit
Commercial (2)
Industrial
25−Ω R
S 3.0/2.5
Internal series termination with calibration
(25-
Ω setting)
V
CC IO = 3.0/2.5 V
TBD
—
%
50−Ω R
S 3.0/2.5
Internal series termination with calibration
(50-
Ω setting)
V
CC IO = 3.0/2.5 V
TBD
—
%
50−Ω R
T 2.5
Internal parallel termination with calibration
(50-
Ω setting)
V
CCIO = 2.5 V
TBD
—
%
25−Ω R
S 1.8
Internal series termination with calibration
(25-
Ω setting)
V
CCIO = 1.8 V
TBD
—
%
50−Ω R
S 1.8
Internal series termination with calibration
(50-
Ω setting)
V
CCIO = 1.8 V
TBD
—
%
50−Ω R
T 1.8
Internal parallel termination with calibration
(50-
Ω setting)
V
CCIO = 1.8 V
TBD
—
%
50−Ω R
S 1.5
Internal series termination with calibration
(50-
Ω setting)
V
CCIO = 1.5 V
TBD
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com