Electronic Components Datasheet Search
  English  ▼

X  

HC362 Datasheet(PDF) 9 Page - Altera Corporation

Part # HC362
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC362 Datasheet(HTML) 9 Page - Altera Corporation

Back Button HC362 Datasheet HTML 5Page - Altera Corporation HC362 Datasheet HTML 6Page - Altera Corporation HC362 Datasheet HTML 7Page - Altera Corporation HC362 Datasheet HTML 8Page - Altera Corporation HC362 Datasheet HTML 9Page - Altera Corporation HC362 Datasheet HTML 10Page - Altera Corporation HC362 Datasheet HTML 11Page - Altera Corporation HC362 Datasheet HTML 12Page - Altera Corporation HC362 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–7
Electrical Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Pin Capacitance
Table 1–9 shows the HardCopy III device family pin capacitance.
Hot Socketing
Table 1–10 lists the hot socketing specifications for HardCopy III devices.
Table 1–8. On-Chip Termination Variation after Power-up Calibration – Preliminary (Note 1), (2)
Symbol
Description
V
CC IO (V)
Commercial
Typical
Unit
dR/dV
OCT variation with voltage without
re-calibration
3.0
TBD
%/mV
2.5
TBD
%/mV
1.8
TBD
%/mV
1.5
TBD
%/mV
1.2
TBD
%/mV
dR/dT
OCT variation with temperature without
re-calibration
3.0
TBD
%/°C
2.5
TBD
%/°C
1.8
TBD
%/°C
1.5
TBD
%/°C
1.2
TBD
%/°C
Note to Table 1–8:
(1) Valid for VCCIO range of ± 5% and temperature range of 0° to 85° C.
(2) Pending silicon characterization.
Table 1–9. HardCopy III Device Capacitance – Preliminary (Note 1)
Symbol
Parameter
Typical
Unit
C
IOTB
Input capacitance on top and bottom I/O pins
TBD
pF
C
IOLR
Input capacitance on left and right I/O pins
TBD
pF
C
CLKTB
Input capacitance on top and bottom dedicated clock input pins
TBD
pF
C
CLK LR
Input capacitance on left and right dedicated clock input pins
TBD
pF
C
OUTFB
Input capacitance on dual-purpose clock output and feedback pins
TBD
pF
C
CLK1, CCLK3, CCLK8, and CCLK 10
Input capacitance for dedicated clock input pins
TBD
pF
Note to Table 1–9:
(1) Pending silicon characterization.
Table 1–10. HardCopy III Hot Socketing Specifications – Preliminary (Note 1)
Symbol
Parameter
Maximum
I
IOPIN(DC )
DC current per I/O pin
300
μA
I
IOPIN(A C)
AC current per I/O pin
8 mA for
≤ 10 ns
Note to Table 1–10:
(1) Pending silicon characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com