Electronic Components Datasheet Search
  English  ▼

X  

HC362 Datasheet(PDF) 18 Page - Altera Corporation

Part # HC362
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC362 Datasheet(HTML) 18 Page - Altera Corporation

Back Button HC362 Datasheet HTML 14Page - Altera Corporation HC362 Datasheet HTML 15Page - Altera Corporation HC362 Datasheet HTML 16Page - Altera Corporation HC362 Datasheet HTML 17Page - Altera Corporation HC362 Datasheet HTML 18Page - Altera Corporation HC362 Datasheet HTML 19Page - Altera Corporation HC362 Datasheet HTML 20Page - Altera Corporation HC362 Datasheet HTML 21Page - Altera Corporation HC362 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
1–16
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Switching Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
JTAG Specifications
Table 1–22 shows the JTAG timing parameters and values for HardCopy III devices.
Refer to Figure 1–3 in the “HIGH-SPEED I/O Block” row in Table 1–33 for JTAG
timing requirements.
Periphery Performance
This section describes the periphery performance, including high-speed I/O, external
memory interface, and OCT calibration block specifications.
M144K
True dual-port 16K × 9 or 8K × 18, dual clock
1
300
MHz
True dual-port 4K × 36 dual clock
1
430
MHz
Simple dual-port 16K × 9 or 8K × 18, dual clock
1
300
MHz
Simple dual-port 4K × 36 or 2K × 72, dual clock
1
470
MHz
ROM 1 Port
1
500
MHz
ROM 2 Port
1
450
MHz
Single-port 16K × 9 or 8K × 18
1
330
MHz
Single-port 4K × 36
1
500
MHz
True dual-port 16K × 9, 8K × 18, or 4K × 36, dual clock with the
read-during-write option set to “Old Data”
1270
MHz
Simple dual-port 16K × 9, 8K × 18, 4K × 36, or 2K × 72, dual clock with the
read-during-write option set to “Old Data”
1292
MHz
Simple dual-port 2K × 64 dual clock (with ECC)
1
210
MHz
Min Pulse Width (Clock High Time)
—
1000
ps
Note to Table 1–21:
(1) Pending silicon characterization.
Table 1–21. HardCopy III TriMatrix Memory Block Performance Specifications – Preliminary (Part 2 of 2) (Note 1)
Memory
Block Type
Mode
TriMatrix
Memory
Max
Unit
Table 1–22. HardCopy III JTAG Timing Parameters and Values – Preliminary
Symbol
Parameter
Min
Max
Unit
t
JC P
TCK clock period
30
—
ns
t
JC H
TCK clock high time
14
—
ns
t
JC L
TCK clock low time
14
—
ns
t
JP SU (TDI)
JTAG port setup time for TDI
1
—
ns
t
JP SU (TMS)
JTAG port setup time for TMS
3
—
ns
t
JP H
JTAG port hold time
5
—
ns
t
JP CO
JTAG port clock to output
—
11
ns
t
JP ZX
JTAG port high impedance to valid output
—
14
ns
t
JP XZ
JTAG port valid output to high impedance
—
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com