Electronic Components Datasheet Search
  English  ▼

X  

HC362 Datasheet(PDF) 26 Page - Altera Corporation

Part # HC362
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC362 Datasheet(HTML) 26 Page - Altera Corporation

Back Button HC362 Datasheet HTML 18Page - Altera Corporation HC362 Datasheet HTML 19Page - Altera Corporation HC362 Datasheet HTML 20Page - Altera Corporation HC362 Datasheet HTML 21Page - Altera Corporation HC362 Datasheet HTML 22Page - Altera Corporation HC362 Datasheet HTML 23Page - Altera Corporation HC362 Datasheet HTML 24Page - Altera Corporation HC362 Datasheet HTML 25Page - Altera Corporation HC362 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
1–24
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Referenced Documents
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
Referenced Documents
This chapter references the following documents:
■
Power Play Early Power Estimator User Guide
■
PowerPlay Power Analysis chapter in volume 3 of the Quartus II Device Handbook
Document Revision History
Table 1–34 shows the revision history for this document.
V
V
CM(DC)
DC common mode input voltage.
V
ICM
Input common mode voltage: The common mode of the differential signal at the receiver.
V
ID
Input differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
V
DIF(AC)
AC differential input voltage: Minimum AC input differential voltage required for switching.
V
DIF(DC)
DC differential input voltage: Minimum DC input differential voltage required for switching.
V
IH
Voltage input high: The minimum positive voltage applied to the input that will be accepted by
the device as a logic high.
V
IH(AC)
High-level AC input voltage
V
IH(DC)
High-level DC input voltage
V
IL
Voltage input low: The maximum positive voltage applied to the input that will be accepted by
the device as a logic low.
V
IL(AC)
Low-level AC input voltage
V
IL(DC)
Low-level DC input voltage
V
OCM
Output common mode voltage: The common mode of the differential signal at the
transmitter.
V
OD
Output differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter.
W
W
HIGH-SPEED I/O BLOCK: Clock boost factor
X
——
Y
——
Z
——
Table 1–33. Glossary Table
Letter
Subject
Definitions
Table 1–34. Document Revision History
Date and Document Version
Changes Made
Summary of Changes
December 2008, v2.0
■ Updated Table 1–3.
■ Updated Table 1–19.
■ Updated Table 1–23.
■ Made minor editorial changes.
—
May 2008, v1.0
Initial release.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com