Electronic Components Datasheet Search
  English  ▼

X  

EP4SE290 Datasheet(PDF) 9 Page - Altera Corporation

Part # EP4SE290
Description  Stratix IV Device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4SE290 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP4SE290 Datasheet HTML 5Page - Altera Corporation EP4SE290 Datasheet HTML 6Page - Altera Corporation EP4SE290 Datasheet HTML 7Page - Altera Corporation EP4SE290 Datasheet HTML 8Page - Altera Corporation EP4SE290 Datasheet HTML 9Page - Altera Corporation EP4SE290 Datasheet HTML 10Page - Altera Corporation EP4SE290 Datasheet HTML 11Page - Altera Corporation EP4SE290 Datasheet HTML 12Page - Altera Corporation EP4SE290 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Chapter 1: DC and Switching Characteristics
1–7
Electrical Characteristics
© December 2008
Altera Corporation
Stratix IV Device Handbook, Volume 4
Hot Socketing
Table 1–12 defines the hot socketing specification for Stratix IV devices.
I/O Standard Specifications
Table 1–13 through Table 1–18 list input voltage (V
IH and VIL), output voltage (VOH
and V
OL), and current drive characteristics (IOH and IOL) for various I/O standards
supported by Stratix IV devices. These tables also show the Stratix IV device family
I/O standard specifications. Refer to the “Glossary” on page 1–34 for an explanation
of terms used in Table 1–13 through Table 1–18. V
OL and VOH values are valid at the
corresponding I
OH and IOL, respectively.
C
OUTF B
Input capacitance on dual-purpose clock output/feedback pins
8
pF
Note to Table 1–11:
(1) Pending silicon characterization.
Table 1–11. Stratix IV Device Capacitance (Note 1) - Preliminary (Part 2 of 2)
Symbol
Description
Typical
Unit
Table 1–12. Stratix IV Hot Socketing Specifications - Preliminary
Symbol
Description
Maximum
I
IIOP IN(DC)
DC current per I/O pin
300
μA
I
IOPIN(A C)
AC current per I/O pin
8 mA for Trise > 10 ns
Table 1–13. Single-Ended I/O Standards
I/O
Standard
V
CC IO (V)
V
IL (V)
V
IH (V)
V
OL (V)
V
OH (V)
I
OL
(mA)
I
OH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
LVTTL
2.85
3
3.15
-0.3
0.8
1.7
V
CC IO +
0.3
0.4
2.4
2
-2
LVCMOS
2.85
3
3.15
-0.3
0.8
1.7
V
CC IO +
0.3
0.2
V
CCIO - 0.2
0.1
-0.1
2.5 V
2.375
2.5
2.625
-0.3
0.7
1.7
V
CC IO +
0.3
0.2
2.1
0.1
-0.1
0.4
2
1
-1
0.7
1.7
2
-2
1.8 V
1.71
1.8
1.89
-0.3
0.35 *
V
CC IO
0.65 *
V
CC IO
V
CC IO +
0.3
0.45
V
CCIO -0.45
2
-2
1.5 V
1.425
1.5
1.575
-0.3
0.35 *
V
CC IO
0.65 *
V
CC IO
V
CC IO +
0.3
0.25 *
V
CC IO
0.75 *
V
CCIO
2-2
1.2 V
1.14
1.2
1.26
-0.3
0.35 *
V
CC IO
0.65 *
V
CC IO
V
CC IO +
0.3
0.25 *
V
CC IO
0.75 *
V
CCIO
2-2
3.0-V PCI
2.85
3
3.15
-
0.3 *
V
CC IO
0.5 *
V
CC IO
3.6
0.1 *
V
CC IO
0.9 * V
CCIO
1.5
-0.5
3.0-V
PCI-X
2.85
3
3.15
-
0.35 *
V
CC IO
0.5 *
V
CC IO
-0.1 *
V
CC IO
0.9 * V
CCIO
1.5
-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com