Electronic Components Datasheet Search
  English  ▼

X  

EP4SE290 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP4SE290
Description  Stratix IV Device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4SE290 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP4SE290 Datasheet HTML 9Page - Altera Corporation EP4SE290 Datasheet HTML 10Page - Altera Corporation EP4SE290 Datasheet HTML 11Page - Altera Corporation EP4SE290 Datasheet HTML 12Page - Altera Corporation EP4SE290 Datasheet HTML 13Page - Altera Corporation EP4SE290 Datasheet HTML 14Page - Altera Corporation EP4SE290 Datasheet HTML 15Page - Altera Corporation EP4SE290 Datasheet HTML 16Page - Altera Corporation EP4SE290 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Chapter 1: DC and Switching Characteristics
1–11
Switching Characteristics
© December 2008
Altera Corporation
Stratix IV Device Handbook, Volume 4
Table 1–19. Stratix IV GX Transceiver Specification (Part 1 of 4)
Symbol/
Description
Conditions
-2 Speed Commercial
Speed Grade
-3
Commercial/Industrial
and
-2x Commercial Speed
Grade (1)
-4 Speed Commercial
Speed Grade
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference Clock
Input frequency from
REFCLK
input pins
—
50
—
637.5
50
—
637.5
50
—
622.08
MHz
Phase frequency
detector (CMU PLL
and receiver CDR)
—
50
—
425
50
—
325
50
—
325
MHz
Absolute VMAX for a
REFCLK
pin
——
—
1.6
—
—
1.6
—
—
1.6
V
Operational VMAX for
a REFCLK pin
——
—
1.5
—
—
1.5
—
—
1.5
V
Absolute VMIN for a
REFCLK
pin
—
-0.3
—
—
-0.3
—
—
-0.3
—
—
V
Rise/fall time
—
—
—
0.2
—
—
0.2
—
—
0.2
UI
Duty cycle
—
45
—
55
45
—
55
45
—
55
%
Peak-to-peak
differential input
voltage
—
200
—
1600
200
—
1600
200
—
1600
mV
Spread-spectrum
modulating clock
frequency
PCI Express
30
—
33
30
—
33
30
—
33
kHz
Spread-spectrum
downspread
PCI Express
—
0 to
-0.5%
——
0 to
-0.5%
——
0 to
-0.5%
——
On-chip termination
resistors
—
—
100
—
—
100
—
—
100
—
Ω
VICM (AC coupled)
—
—
1100
—
—
1100
—
—
1100
—
mV
VICM (DC coupled)
HCSL I/O
standard for PCI
Express
reference clock
250
—
550
250
—
550
250
—
550
mV
RREF
—
—
—
2000 ±
1%
—
—
2000
± 1%
—
—
2000
± 1%
—
Ω
Transceiver Clocks
Calibration block
clock frequency
—
10
—
125
10
—
125
10
—
125
MHz
fixedclk
clock
frequency
PCI Express
Receiver Detect
—
125
—
—
125
—
—
125
—
MHz
reconfig_clk
clock frequency
Dynamic
reconfiguration
clock frequency
2.5/
37.5
(2)
—50
2.5/
37.5
(2)
—50
2.5/
37.5
(2)
—50
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com