Electronic Components Datasheet Search
  English  ▼

X  

EP4SE290 Datasheet(PDF) 21 Page - Altera Corporation

Part # EP4SE290
Description  Stratix IV Device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4SE290 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP4SE290 Datasheet HTML 17Page - Altera Corporation EP4SE290 Datasheet HTML 18Page - Altera Corporation EP4SE290 Datasheet HTML 19Page - Altera Corporation EP4SE290 Datasheet HTML 20Page - Altera Corporation EP4SE290 Datasheet HTML 21Page - Altera Corporation EP4SE290 Datasheet HTML 22Page - Altera Corporation EP4SE290 Datasheet HTML 23Page - Altera Corporation EP4SE290 Datasheet HTML 24Page - Altera Corporation EP4SE290 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Chapter 1: DC and Switching Characteristics
1–19
Switching Characteristics
© December 2008
Altera Corporation
Stratix IV Device Handbook, Volume 4
Combined deterministic and
random jitter tolerance
(peak-to-peak)
Data Rate = 1.25, 2.5,
3.125 Gbps
Pattern = CJPAT
> 0.55
> 0.55
> 0.55
UI
Sinusoidal jitter tolerance
(peak-to-peak)
Jitter Frequency = 22.1
KHz Data Rate = 1.25,
2.5, 3.125 Gbps
Pattern = CJPAT
> 8.5
> 8.5
> 8.5
UI
Jitter Frequency =
1.875 MHz
Data Rate = 1.25, 2.5,
3.125 Gbps
Pattern = CJPAT
> 0.1
> 0.1
> 0.1
UI
Jitter Frequency =
20 MHz
Data Rate = 1.25, 2.5,
3.125 Gbps
Pattern = CJPAT
> 0.1
> 0.1
> 0.1
UI
GIGE Transmit Jitter Generation (8)
Deterministic jitter
(peak-to-peak)
Pattern = CRPAT
—
—
0.14
—
—
0.14
—
—
0.14
UI
Total jitter (peak-to-peak)
Pattern = CRPAT
—
—
0.279
—
—
0.279
—
—
0.279
UI
GIGE Receiver Jitter Tolerance (8)
Deterministic jitter tolerance
(peak-to-peak)
Pattern = CJPAT
> 0.4
> 0.4
> 0.4
UI
Combined deterministic and
random jitter tolerance
(peak-to-peak)
Pattern = CJPAT
> 0.66
> 0.66
> 0.66
UI
HiGig Transmit Jitter Generation (9)
Deterministic jitter
(peak-to-peak)
Data Rate = 3.75 Gbps
Pattern = CJPAT
——
0.17
—
—
—
—
—
—
UI
Total jitter (peak-to-peak)
Data Rate = 3.75 Gbps
Pattern = CJPAT
——
0.35
—
—
—
—
—
—
UI
HiGig Receiver Jitter Tolerance (9)
Deterministic jitter tolerance
(peak-to-peak)
Data Rate = 3.75 Gbps
Pattern = CJPAT
> 0.37
—
—
—
—
—
—
UI
Combined deterministic and
random jitter tolerance
(peak-to-peak)
Data Rate = 3.75 Gbps
Pattern = CJPAT
> 0.65
—
—
—
—
—
—
UI
Table 1–24. Stratix IV GX Transceiver Block AC Specification (Note 1), (2) (Part 4 of 8)
Symbol/
Description
Conditions
-2 Speed
Commercial Speed
Grade
-3 Speed
Commercial and
Industrial Speed
Grade
-4 Speed
Commercial Speed
Grade
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com