Electronic Components Datasheet Search
  English  ▼

X  

EP4SE290 Datasheet(PDF) 39 Page - Altera Corporation

Part # EP4SE290
Description  Stratix IV Device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4SE290 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP4SE290 Datasheet HTML 32Page - Altera Corporation EP4SE290 Datasheet HTML 33Page - Altera Corporation EP4SE290 Datasheet HTML 34Page - Altera Corporation EP4SE290 Datasheet HTML 35Page - Altera Corporation EP4SE290 Datasheet HTML 36Page - Altera Corporation EP4SE290 Datasheet HTML 37Page - Altera Corporation EP4SE290 Datasheet HTML 38Page - Altera Corporation EP4SE290 Datasheet HTML 39Page - Altera Corporation EP4SE290 Datasheet HTML 40Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Chapter 1: DC and Switching Characteristics
1–37
Documents Referenced
© December 2008
Altera Corporation
Stratix IV Device Handbook, Volume 4
Documents Referenced
This chapter references the following documents:
■
External Memory Interfaces in Stratix IV Devices chapter in volume 1 of the Stratix IV
Device Handbook
■
PowerPlay Early Power Estimator User Guide for Stratix III and Stratix IV FPGAs
PowerPlay Power Analysis chapter in the Quartus II Handbook
VV
CM (DC)
DC Common Mode Input Voltage.
V
IC M
Input Common Mode Voltage: The common mode of the differential signal at the receiver.
V
ID
Input differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
V
DIF (AC )
AC differential Input Voltage: Minimum AC input differential voltage required for switching.
V
DIF (DC)
DC differential Input Voltage: Minimum DC input differential voltage required for switching.
V
IH
Voltage Input High: The minimum positive voltage applied to the input which will be accepted
by the device as a logic high.
V
IH( AC )
High-level AC input voltage
V
IH( DC)
High-level DC input voltage
V
IL
Voltage Input Low: The maximum positive voltage applied to the input which will be accepted
by the device as a logic low.
V
IL( AC)
Low-level AC input voltage
V
IL( DC)
Low-level DC input voltage
V
OCM
Output Common Mode Voltage: The common mode of the differential signal at the
transmitter.
V
OD
Output differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter.
W
W
HIGH-SPEED I/O BLOCK: Clock Boost Factor
X
——
Y
——
Z
——
Table 1–45. Glossary Table
Letter
Subject
Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com