Electronic Components Datasheet Search
  English  ▼

X  

CDK1300 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK1300
Description  8-bit, 250 MSPS ADC with Demuxed Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1300 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK1300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Typical Performance Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
AC Performance vs. Temperature
AC Performance vs. Temperature
AVcc Current vs. Temperature
AVcc Current Power Down vs. Temp.
Voltage Offset Error vs. Temperature
Percent Gain Error vs. Temperature
-40
-20
0
40
60
50
55
45
40
35
30
Temperature (°C)
20
100
SFDR
–THD
SINAD
60
80
SNR
in = 70MHz
0
50
100
200
60
50
55
45
40
35
30
Sample Rate (MSPS)
150
300
SFDR
–THD
SINAD
250
SNR
in = 70MHz
-40
-20
0
40
100
75
70
65
60
55
50
45
Temperature (°C)
20
60
80
-40
-20
0
40
3.0
2.8
2.6
2.4
2.2
2.0
Temperature (°C)
20
100
60
80
-40
-20
0
40
6.0
4.0
2.0
0
-2.0
-4.0
-6.0
Temperature (°C)
20
100
60
80
-40
-20
0
40
100
1.06
1.05
1.04
1.03
1.02
1.01
1.00
Temperature (°C)
20
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com