Electronic Components Datasheet Search
  English  ▼

X  

CDK1300 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK1300
Description  8-bit, 250 MSPS ADC with Demuxed Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1300 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK1300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
7
Data Sheet
Typical Performance Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
Input Bandwidth
Common-Mode Ref. Voltage vs. VCC
OVDD Current vs. Clk. Freq., Dual Mode
OVDD Current vs. Clk. Freq., Single Mode
Total Power vs. Clock Frequency
Diff. Input Common-Mode Oper. Range
0
100
200
400
1
0
-1
-2
-3
-4
-5
Input Frequency (MHz)
300
600
500
-2.50
-2.40
-2.42
-2.44
-2.46
-2.48
VCC (V)
4.5
4.7
4.9
5.3
5.7
5.1
5.5
120
0
20
40
60
80
100
Clock Frequency (MHz)
0
50
100
200
300
150
250
OVDD = 5V
OVDD = 3V
60
0
10
20
30
40
50
Clock Frequency (MHz)
0
25
50
100
150
75
125
OVDD = 5V
OVDD = 3V
1000
300
400
500
600
700
800
Clock Frequency (MHz)
0
50
100
200
300
150
250
OVDD = 5V
OVDD = 3V
-50 -40
0
-20
40
100
6
5
4
3
2
1
0
Temperature (°C)
20
60
80
Common-Mode Operationg Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com