Electronic Components Datasheet Search
  English  ▼

X  

CDK1300 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CDK1300
Description  8-bit, 250 MSPS ADC with Demuxed Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1300 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CDK1300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
11
Data Sheet
selected transformer does not exhibit core saturation at
the full-scale voltage. Proper termination of the input is
important for input signal purity. A small capacitor across
the input attenuates kickback noise from the internal track-
and-hold.
Figure 6 illustrates a solution (based on operational ampli-
fiers) that can be used if a DC-coupled single-ended input
is desired.
Figure 6. DC-Coupled Single-Ended to Differential
Conversion (power supplies and bypassing are not shown)
Input Protection
All I/O pads are protected with an on-chip protection circuit.
This circuit provides ESD robustness and prevents latchup
under severe discharge conditions without degrading ana-
log transmission times.
Power Supplies and Grounding
The CDK1300 is operated from a single power supply in
the range of 4.75V to 5.25V. Normal operation is suggest-
ed to be 5.0V. All power supply pins should be bypassed
as close to the package as possible. The analog and digital
grounds should be connected together with a ferrite bead
as shown in the typical interface circuit and as close to the
ADC as possible.
Power-Down Mode
To save on power, the CDK1300 incorporates a power-
down function. This function is controlled by the signal on
pin PD. When pin PD is set high, the CDK1300 enters the
power-down mode. All outputs are set to high impedance.
In the powerdown mode the CDK1300 dissipates 24mW
typically.
Common-Mode Voltage Reference Circuit
The CDK1300 has an on-board common-mode voltage ref-
erence circuit (VCM). It is 2.5V and is capable of driving
50µA loads typically. The circuit is commonly used to drive
the center tap of the RF transformer in fully differential
applications. For single-ended applications, this output
can be used to provide the level shifting required for the
single-to-differential converter conversion circuit. Bypass
VCM to AGND by external 0.01µF capacitor, as shown in
Figure 3 on the previous page.
Clock Input
The clock input on the CDK1300 can be driven by either a
single-ended or double-ended clock circuit and can handle
TTL, PECL, and CMOS signals. When operating at high
sample rates it is important to keep the pulse width of the
clock signal as close to 50% as possible. For TTL/CMOS
single- ended clock inputs, the rise time of the signal
also becomes an important consideration.
Digital Outputs
The output circuitry of the CDK1300 has been designed
to be able to support three separate output modes. The
demuxed (double-wide) mode supports either parallel
aligned or interleaved data output. The single-channel mode
is not demuxed and can support direct output at speeds up
to 125 MSPS. The output format is straight binary (Table 1).
Table 1. Output Data Format
analog input
output code D7–D0
+FS
1111 1111
+FS - 1 LSB
1111 111Ø
+1 FS
1000 000Ø
-FS + 1 LSB
0000 000Ø
-FS
0000 0000
Ø indicates the flickering bit between logic 0 and 1
The data output mode is set using the DMODE1 and
DMODE2 inputs (pins 32 & 31 respectively). Table 2 describes
the mode switching options.
Table 2. Output Data Modes
output Mode
DMoDe1
DMoDe2
Parallel Dual Channel Output
0
0
Interleaved Dual Channel Output
0
1
Single Channel Data Output
(Bank A only 125 MSPS max)
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com