Electronic Components Datasheet Search
  English  ▼

X  

CDK1300 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK1300
Description  8-bit, 250 MSPS ADC with Demuxed Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1300 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK1300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
TQFP-44
CDK1300
Pin Assignments
Pin No.
Pin Name
Description
40
VIN+
Non-inverted analog input; nominally 1Vpp; 100k pullup to Vcc and 100k pulldown to AGND, internally
39
VIN-
Inverted analog input; nominally 1Vpp; 100k pullup to Vcc and 100k pulldown to AGND, internally
16-9
DA0–DA7
Data output bank A; 3V/5V LVCMOS compatible
19-26
DB0–DB7
Data output bank B; 3V/5V LVCMOS compatible
28
DCLKOUT
Non-inverted data output clock; 3V/5V LVCMOS compatible
27
DCLKOUT
Inverted data output clock; 3V/5V LVCMOS compatible
4
CLK
Non-inverted clock input pin; 100k pulldown to AGND, internally
3
CLK
Inverted clock input pin; 17.5k pullup to Vcc and 7.5k pulldown to AGND, internally
5
RESET
RESET synchronizes the data sampling and data output bank relationship when in dual channel
mode (DMODE1 = 0); 100k pulldown to AGND, internally
6
RESET
Inverted RESET input pin; 17.5k pullup to Vcc and 7.5 pulldown to AGND, internally
32, 31
DMODE1,2
Internally: 100k pulldown to AGND on DMODE1 50k pullup to Vcc on DMODE2
Data output mode pins: DMODE1 = 0, DMODE2 = 0: parallel dual channel output
DMODE1 = 0, DMODE2 = 1: interleaved dual channel output
DMODE1 = 1, DMODE2 = x: single channel data output on bank a (125 MSPS max)
2
PD
Power-Down pin; PD = 1 for Power-Down mode. Outputs set to high impedance in Power-Down
mode; 100k pulldown to AGND, internally
37
VCM
2.5V common mode voltage reference output
35, 36,
42, 43
AVCC
+5V analog supply
7, 17, 30
OVDD
+3V/+5V digital output supply
1, 33, 34,
38, 41, 44
AGND
Analog ground
8, 18, 29
DGND
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com