Electronic Components Datasheet Search
  English  ▼

X  

CDK1301 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK1301
Description  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1301 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
Power Supply Requirements
AVcc
Analog Voltage Supply(2)
4.75
5.0
5.25
V
OVDD
Digital Voltage Supply(2)
2.75
5.25
V
AIcc
Current(1)
85
110
mA
Current Power-down(1)
+25°C
4.8
5.5
mA
OIDD
Current
OVDD = 3.0V, 10pF load
Single Mode
35
mA
Parallel Mode
55
mA
Interleave Mode
55
mA
Power Dissipation(1)
425
550
mW
Common Mode Reference Output
Voltage(1)
2.44
2.5
2.56
V
Voltage Tempcp
84
ppm/°C
Open Impedance
IOUT = ±50µA
1.07
kΩ
PSRR
Power Supply Rejection Ratio
47.5
mV/V
Clock and Reset Inputs (Differential and Single-Ended)
VDIFF
Differental Signal Amplitude(2)
400
mVpp
VIHD
Differental High Input Voltage(2)
1.4
AVcc
V
VILD
Differental Low Input Voltage(2)
0
3.9
V
VCMD
Differental Common Mode Input(2)
1.2
4.1
V
VIH
Single-Ended High Input Voltage(1)
1.8
V
VIL
Single-Ended Low Input Voltage(2)
0
1.2
V
IIH
High Input Current(1)
VID = 1.5V
-100
43
+100
µA
IIL
Low Input Current(1)
VID = 1.5V
-100
43
+100
µA
Power Down and Mode Control Inputs (Single-Ended)
High Input Voltage(2)
2.0
AVcc
V
Low Input Voltage(2)
0
1.0
V
Max Input Current Low(1)
-100
0.5
+100
µA
Max Input Current High <4.0V(1)
-100
50
+100
µA
Digital Outputs
Logic “1“ Voltage(1)
IOH = -0.5mA
OVDD-2.0
V
Logic “0“ Voltage(1)
IOL = +1.6mA
0.2
V
TR/TF Data
OVDD = 3V, 10pF load
3.3/3.0
ns
OVDD = 5V, 10pF load
2.3/1.9
ns
TR/TF DCLK
OVDD = 3V, 10pF load
1.2/1.0
ns
OVDD = 5V, 10pF load
0.7/0.6
ns
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com