Electronic Components Datasheet Search
  English  ▼

X  

CDK1301 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK1301
Description  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK1301 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
7
Data Sheet
Typical Performance Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
SNR, SINAD vs. Temperature
THD vs. Temperature
SNR, SINAD vs. Duty Cycle
SFDR, THD vs. Duty Cycle
SNR, SINAD vs. AVcc
THD vs. AVCC
60
50
40
30
20
Temperature (°C)
SINAD
SNR
55
45
35
25
-50
-25
0
50
100
25
75
ƒIN = 70.1 MHz
ƒS = 250 MSPS
-30
-40
-50
-60
-70
Temperature (°C)
-35
-45
-55
-65
-50
-25
0
50
100
25
75
ƒIN = 70.1 MHz
ƒS = 250 MSPS
Duty Cycle (%)
SNR
SINAD
35
40
50
55
60
45
ƒIN = 70.1 MHz
ƒS = 250 MSPS
60
50
40
30
20
55
45
35
25
-30
-40
-50
-60
-70
Duty Cycle (%)
-35
-45
-55
-65
35
40
50
55
60
45
ƒIN = 70.1 MHz
ƒS = 250 MSPS
THD
SFDR
4.5
4.7
5.0 5.1
5.3
5.5
60
50
40
30
20
Volts (V)
4.9
4.6
4.8
5.2
5.4
SINAD
55
45
35
25
ƒIN = 70.1 MHz
ƒS = 250 MSPS
SNR
-30
-40
-50
-60
-70
4.5
4.7
5.0 5.1
5.3
5.5
Volts (V)
4.9
4.6
4.8
5.2
5.4
-35
-45
-55
-65
ƒIN = 70.1 MHz
ƒS = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com