Electronic Components Datasheet Search
  English  ▼

X  

CDK1301 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK1301
Description  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK1301 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Typical Performance Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
DLE vs. Sample Rate
DLE vs. Temperature
DLE vs. AVcc
AVcc Current vs. Temperature
SNR, SINAD vs. Sample Rate
SFDR, THD vs. Sample Rate
0.7
0.1
0.0
-0.2
-0.5
-0.3
-0.4
-0.6
-0.7
-0.1
0.2
0.3
0.4
0.5
0.6
200
225
250
260
Sample Rate (MSPS)
ƒIN = 70.1 MHz
-50
-25
25
75
100
0.8
0.1
0.0
-0.2
-0.5
Temperature (°C)
0
50
-0.3
-0.4
-0.6
-0.7
-0.1
0.2
0.3
0.4
0.5
0.6
0.7
ƒ
IN = 70.1MHz
ƒ
S = 250 MSPS
4.5
4.7
5.0 5.1
5.3
5.5
0.7
0.1
0.0
-0.2
-0.5
Volts (V)
4.9
4.6
4.8
5.2
5.4
-0.3
-0.4
-0.6
-0.7
-0.1
0.2
0.3
0.4
0.5
0.6
ƒ
IN = 70.1MHz
ƒ
S = 250 MSPS
-50
-25
0
50
100
100
80
60
0
Temperature (°C)
25
75
50
40
30
20
10
70
90
Powerdown mode
ƒ
IN = 70.1MHz
ƒ
S = 250 MSPS
200
225
250
260
Sample Rate (MSPS)
60
50
40
30
20
55
45
35
25
SINAD
SNR
ƒIN = 70.1 MHz
200
225
250
260
Sample Rate (MSPS)
-30
-40
-50
-60
-70
-35
-45
-55
-65
SFDR
THD
ƒIN = 70.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com