Electronic Components Datasheet Search
  English  ▼

X  

CDK1301 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK1301
Description  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK1301 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
CDK1301
8-bit, 250 MSPS A/D Converter
with Demuxed Outputs
Amplify the Human Experience
features
n
TTL/CMOS/PECL input logic compatible
n
High conversion rate: 250 MSPS
n
Single +5V power supply
n
Very low power dissipation: 425mW
n
350MHz full power bandwidth
n
Power-down mode: 24mW
n
+3.0V/+5.0V (LVCMOS) digital output
logic compatibility
n
Single/demuxed output ports selectable
n
Improved replacement for AD9054
a pplication s
n
RGB video processing
n
Digital communications
n
High-speed instrumentation
n
Digital Sampling Oscilloscopes (DSO)
n
Projection display systems
General Description
The CDK1301 is a high-speed, 8-bit analog-to-digital converter implemented
in an advanced BiCMOS process. It is a performance-enhanced version of the
CDK1300, offering better linearity and dynamic performance. An advanced
folding and interpolating architecture provides both a high conversion
rate and very low power dissipation of only 425mW. The analog inputs can be
operated in either single-ended or differential input mode. A 2.5V common
mode reference is provided on chip for the single-ended input mode to minimize
external components.
The CDK1301 digital outputs are demuxed (double-wide) with both dual-
channel and single-channel selectable output modes. Demuxed mode supports
either parallel aligned or interleaved data output. The output logic is both +3.0V
and +5.0V compatible. The CDK1301 is available in a 44-lead TQFP surface
mount package over the industrial temperature range of -40°C to +85°C.
Block Diagram
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CDK1301ITQ44
TQFP-44
Yes
Yes
-40°C to +85°C
Rail
CDK1301ITQ44_Q
TQFP-44
No
No
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CDK1301

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1302 CADEKA-CDK1302 Datasheet
1Mb / 9P
8-bit, 750 MSPS, Flash A/D Converter
CDK1302AEMQ80 CADEKA-CDK1302AEMQ80 Datasheet
1Mb / 9P
8-bit, 750 MSPS, Flash A/D Converter
More results

Similar Description - CDK1301

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Intersil Corporation
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
8-Bit 250 MSPS Flash A/D Converter
April 1995
logo
Analog Devices
AD9480 AD-AD9480 Datasheet
1Mb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
7/04-Revision 0
logo
Intersil Corporation
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
8-Bit, 250 MSPS, Flash A/D Converter
August 2000
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
8-Bit, 250 MSPS 3.3 V A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com