Electronic Components Datasheet Search
  English  ▼

X  

CC2530F32RHAT Datasheet(PDF) 13 Page - Aplus Intergrated Circuits

Part # CC2530F32RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

CC2530F32RHAT Datasheet(HTML) 13 Page - Aplus Intergrated Circuits

Back Button CC2530F32RHAT Datasheet HTML 9Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 10Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 11Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 12Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 13Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 14Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 15Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 16Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 17Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Time
DEBUG_ CLK
P2_2
DEBUG_DATA
(toCC2530)
P2_1
DEBUG_DATA
(fromCC2530)
P2_1
T0438-01
t
6
t
8
t
7
TIMER INPUTS AC CHARACTERISTICS
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
Figure 5. Debug Enable Timing
TA = –40°C to 125°C, VDD = 2 V to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Synchronizers determine the shortest input pulse that can be
tSYSCLK
Input capture pulse duration
recognized. The synchronizers operate at the current system
1.5
clock rate (16 or 32 MHz).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com