Electronic Components Datasheet Search
  English  ▼

X  

CC2530F32RHAT Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # CC2530F32RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

CC2530F32RHAT Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  CC2530F32RHAT Datasheet HTML 1Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 2Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 3Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 4Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 5Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 6Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 7Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 8Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CC2530F32, CC2530F64, CC2530F128, CC2530F256
SWRS081A – APRIL 2009 – REVISED APRIL 2009 .......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Peripheral Current Consumption (Adds to core current Icore for each peripheral unit activated)
Timer 1
Timer running, 32-MHz XOSC used
90
µA
Timer 2
Timer running, 32-MHz XOSC used
90
µA
Timer 3
Timer running, 32-MHz XOSC used
60
µA
Iperi
Timer 4
Timer running, 32-MHz XOSC used
70
µA
Sleep timer
Including 32.753-kHz RCOSC
0.6
µA
ADC
When converting
1.2
mA
Erase
1
mA
Flash
Burst write peak current
6
mA
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com