Electronic Components Datasheet Search
  English  ▼

X  

CC2530F32RHAT Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # CC2530F32RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

CC2530F32RHAT Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  CC2530F32RHAT Datasheet HTML 1Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 2Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 3Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 4Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 5Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 6Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 7Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 8Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GENERAL CHARACTERISTICS
RF RECEIVE SECTION
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ active
4
µs
oscillator off. Start-up of 16-MHz RCOSC
Digital regulator off, 16-MHz RCOSC and 32-MHz crystal
Power mode 2 or 3
→ active
0.1
ms
oscillator off. Start-up of regulator and 16-MHz RCOSC
Initially running on 16-MHz RCOSC, with 32-MHz XOSC
0.5
ms
OFF
Active
→ TX or RX
With 32-MHz XOSC initially on
192
µs
RX/TX and TX/RX turnaround
192
µs
RADIO PART
Programmable in 1-MHz steps, 5 MHz between channels
RF frequency range
2394
2507
MHz
for compliance with [1]
Radio baud rate
As defined by [1]
250
kbps
Radio chip rate
As defined by [1]
2
MChip/s
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz, unless
otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PER = 1%, as specified by [1]
–97
–92
Receiver sensitivity
dBm
–88
[1] requires –85 dBm
PER = 1%, as specified by [1]
Saturation (maximum input level)
10
dBm
[1] requires –20 dBm
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, 5-MHz
5 MHz, PER = 1 %, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, –5-MHz
–5 MHz, PER = 1 %, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, 10-MHz
10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, –10-MHz
–10 MHz, PER = 1 %, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Channel rejection
Wanted signal at –82 dBm. Undesired signal is an IEEE
≥ 20 MHz
802.15.4 modulated channel, stepped through all channels
57
dB
from 2405 to 2480 MHz. Signal level for PER = 1%.
≤ –20 MHz
57
Wanted signal at –82 dBm. Undesired signal is 802.15.4
Co-channel rejection
modulated at the same frequency as the desired signal. Signal
–3
dB
level for PER = 1%.
Blocking/desensitization
5 MHz from band edge
Wanted signal 3 dB above the sensitivity level, CW jammer,
–33
10 MHz from band edge
PER = 1%. Measured according to EN 300 440 class 2.
–33
20 MHz from band edge
–32
dBm
50 MHz from band edge
–31
–5 MHz from band edge
–35
–10 MHz from band edge
–35
–20 MHz from band edge
–34
–50 MHz from band edge
–34
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com