Electronic Components Datasheet Search
  English  ▼

X  

CC2530F32RHAT Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # CC2530F32RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

CC2530F32RHAT Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button CC2530F32RHAT Datasheet HTML 17Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 18Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 19Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 20Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 21Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 22Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 23Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 24Page - Aplus Intergrated Circuits CC2530F32RHAT Datasheet HTML 25Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VCC − Supply Voltage − V
4.0
4.2
4.4
4.6
4.8
5.0
2.0
2.4
2.8
3.2
3.6
G009
VCC − Supply Voltage − V
−100
−99
−98
−97
−96
−95
−94
2.0
2.4
2.8
3.2
3.6
G010
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS (continued)
OUTPUT POWER (TXPOWER = 0xF5)
SENSITIVITY
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 16.
Figure 17.
Table 1. Recommended Output Power Settings(1)
TXPOWER Register Setting
Typical Output Power (dBm)
Typical Current Consumption (mA)
0xF5
4.5
34
0xE5
2.5
31
0xD5
1
29
0xC5
–0.5
28
0xB5
–1.5
27
0xA5
–3
27
0x95
–4
26
0x85
–6
26
0x75
–8
25
0x65
–10
25
0x55
–12
25
0x45
–14
25
0x35
–16
25
0x25
–18
24
0x15
–20
24
0x05
–22
23
0x05 and TXCTRL = 0x09
–28
23
(1)
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz, unless otherwise noted.
See [2] for recommended register settings.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com