Electronic Components Datasheet Search
  English  ▼

X  

LTC2222 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2222
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2222 Datasheet HTML 4Page - Linear Technology LTC2222 Datasheet HTML 5Page - Linear Technology LTC2222 Datasheet HTML 6Page - Linear Technology LTC2222 Datasheet HTML 7Page - Linear Technology LTC2222 Datasheet HTML 8Page - Linear Technology LTC2222 Datasheet HTML 9Page - Linear Technology LTC2222 Datasheet HTML 10Page - Linear Technology LTC2222 Datasheet HTML 11Page - Linear Technology LTC2222 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2222/LTC2223
8
22223fa
TYPICAL PERFOR A CE CHARACTERISTICS
CODE
100000
80000
60000
40000
20000
0
2047
2223 G27
2044
2045
2046
2048
42
89
18080
16182
96679
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G19
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G20
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G21
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G22
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G23
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G24
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G25
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G26
25
30
35
40
LTC2222: 8192 Point FFT,
fIN = 70MHz, –1dB, 1V Range
LTC2222: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range
LTC2222: 8192 Point FFT,
fIN = 140MHz, –1dB, 1V Range
LTC2222: 8192 Point FFT,
fIN = 250MHz, –1dB, 2V Range
LTC2222: 8192 Point FFT,
fIN = 250MHz, –1dB, 1V Range
LTC2222: 8192 Point FFT,
fIN = 500MHz, –6dB, 1V Range
LTC2222: 8192 Point 2-Tone FFT,
fIN = 68MHz and 70MHz, –7dB
Each, 2V Range
LTC2222: 8192 Point 2-Tone FFT,
fIN = 138MHz and 140MHz, –7dB
Each, 1V Range
LTC2222: Shorted Input Noise
Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com